Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2221 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2221
Description  Advanced LinCMOSE RAIL-TO-RAIL VERY LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2221 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV2221 Datasheet HTML 7Page - Texas Instruments TLV2221 Datasheet HTML 8Page - Texas Instruments TLV2221 Datasheet HTML 9Page - Texas Instruments TLV2221 Datasheet HTML 10Page - Texas Instruments TLV2221 Datasheet HTML 11Page - Texas Instruments TLV2221 Datasheet HTML 12Page - Texas Instruments TLV2221 Datasheet HTML 13Page - Texas Instruments TLV2221 Datasheet HTML 14Page - Texas Instruments TLV2221 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
TLV2221, TLV2221Y
Advanced LinCMOS
™ RAIL-TO-RAIL
VERY LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
SLOS157A – JUNE 1996 – REVISED JANUARY 1997
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VIO
Input offset voltage
Distribution
1, 2
VIO
Input offset voltage
vs Common-mode input voltage
,
3, 4
αVIO
Input offset voltage temperature coefficient
Distribution
5, 6
IIB/IIO
Input bias and input offset currents
vs Free-air temperature
7
VI
Input voltage
vs Supply voltage
8
VI
Input voltage
yg
vs Free-air temperature
9
VOH
High-level output voltage
vs High-level output current
10, 13
VOL
Low-level output voltage
vs Low-level output current
11, 12, 14
VO(PP)
Maximum peak-to-peak output voltage
vs Frequency
15
IOS
Short circuit output current
vs Supply voltage
16
IOS
Short-circuit output current
yg
vs Free-air temperature
17
VO
Output voltage
vs Differential input voltage
18, 19
AVD
Differential voltage amplification
vs Load resistance
20
AVD
Large signal differential voltage amplification
vs Frequency
21, 22
AVD
Large signal differential voltage amplification
qy
vs Free-air temperature
,
23, 24
zo
Output impedance
vs Frequency
25, 26
CMRR
Common mode rejection ratio
vs Frequency
27
CMRR
Common-mode rejection ratio
qy
vs Free-air temperature
28
kSVR
Supply voltage rejection ratio
vs Frequency
29, 30
kSVR
Supply-voltage rejection ratio
qy
vs Free-air temperature
,
31
IDD
Supply current
vs Supply voltage
32
SR
Slew rate
vs Load capacitance
33
SR
Slew rate
vs Free-air temperature
34
VO
Inverting large-signal pulse response
vs Time
35, 36
VO
Voltage-follower large-signal pulse response
vs Time
37, 38
VO
Inverting small-signal pulse response
vs Time
39, 40
VO
Voltage-follower small-signal pulse response
vs Time
41, 42
Vn
Equivalent input noise voltage
vs Frequency
43, 44
Input noise voltage (referred to input)
Over a 10-second period
45
THD + N
Total harmonic distortion plus noise
vs Frequency
46
Gain bandwidth product
vs Free-air temperature
47
Gain-bandwidth product
vs Supply voltage
48
φ
Phase margin
vs Frequency
21, 22
φm
Phase margin
qy
vs Load capacitance
,
51, 52
Gain margin
vs Load capacitance
49, 50
B1
Unity-gain bandwidth
vs Load capacitance
53, 54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com