Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2221 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2221
Description  Advanced LinCMOSE RAIL-TO-RAIL VERY LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2221 Datasheet(HTML) 1 Page - Texas Instruments

  TLV2221 Datasheet HTML 1Page - Texas Instruments TLV2221 Datasheet HTML 2Page - Texas Instruments TLV2221 Datasheet HTML 3Page - Texas Instruments TLV2221 Datasheet HTML 4Page - Texas Instruments TLV2221 Datasheet HTML 5Page - Texas Instruments TLV2221 Datasheet HTML 6Page - Texas Instruments TLV2221 Datasheet HTML 7Page - Texas Instruments TLV2221 Datasheet HTML 8Page - Texas Instruments TLV2221 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
TLV2221, TLV2221Y
Advanced LinCMOS
™ RAIL-TO-RAIL
VERY LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
SLOS157A – JUNE1996 – REVISED JANUARY 1997
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Output Swing Includes Both Supply Rails
D Low Noise...19 nV/√Hz Typ at f = 1 kHz
D Low Input Bias Current...1 pA Typ
D Fully Specified for Single-Supply 3-V and
5-V Operation
D Very Low Power...110 µA Typ
D Common-Mode Input Voltage Range
Includes Negative Rail
D Wide Supply Voltage Range
2.7 V to 10 V
D Macromodel Included
description
The TLV2221 is a single operational amplifier manufactured using the Texas Instruments Advanced LinCMOS
™
process. This device is optimized and fully specified for single-supply 3-V and 5-V operation. For this
low-voltage operation combined with micropower dissipation levels, the input noise voltage performance has
been dramatically improved using optimized design techniques for CMOS-type amplifiers. Another added
benefit is that this amplifier exhibits rail-to-rail output swing. The output dynamic range can be extended using
the TLV2221 with loads referenced midway between the rails. The common-mode input voltage range is wider
than typical standard CMOS-type amplifiers. To take advantage of this improvement in performance and to
make this device available for a wider range of applications, VICR is specified with a larger maximum input offset
voltage test limit of
± 5 mV, allowing a minimum of 0-V to 2-V common-mode input voltage range for a 3-V power
supply.
AVAILABLE OPTIONS
TA
VIOmax AT 25°C
PACKAGED DEVICES
SYMBOL
CHIP
FORM
TA
VIOmax AT 25°C
SOT-23 (DBV)†
SYMBOL
FORM
(Y)
0
°C to 70°C
3 mV
TLV2221CDBV
VADC
TLV2221Y
–40
°C to 85°C
3 mV
TLV2221IDBV
VADI
TLV2221Y
† The DBV package available in tape and reel only.
The Advanced LinCMOS process uses a silicon-gate technology to obtain input offset voltage stability with
temperature and time that far exceeds that obtainable using metal-gate technology. This technology also makes
possible input impedance levels that meet or exceed levels offered by top-gate JFET and expensive
dielectric-isolated devices.
The TLV2221, exhibiting high input impedance and low noise, is excellent for small-signal conditioning for
high-impedance sources such as piezoelectric transducers. Because of the low power dissipation levels
combined with 3-V operation, this device works well in hand-held monitoring and remote-sensing applications.
In addition, the rail-to-rail output feature with single or split power supplies makes this device an excellent choice
when interfacing directly to analog-to-digital converters (ADCs). All of these features combined with its
temperature performance make the TLV2221 ideal for remote pressure sensors, temperature control, active
voltage-resistive (VR) sensors, accelerometers, hand-held metering devices, and many other applications.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
DBV PACKAGE
(TOP VIEW)
5
4
3
1
2
IN –
VDD– /GND
IN +
VDD+
OUT
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1997, Texas Instruments Incorporated
Advanced LinCMOS is a trademark of Texas Instruments Incorporated.


Similar Part No. - TLV2221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2221 TI2-TLV2221 Datasheet
837Kb / 34P
Advanced LinCMOS™ RAIL-TO-RAIL VERY LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
REVISED APRIL 2005
TLV2221CDBV TI2-TLV2221CDBV Datasheet
837Kb / 34P
Advanced LinCMOS™ RAIL-TO-RAIL VERY LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
REVISED APRIL 2005
TLV2221CDBVR TI1-TLV2221CDBVR Datasheet
731Kb / 32P
Advanced LinCMOS RAIL-TO-RAIL VERY ;OW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLV2221CDBVR TI2-TLV2221CDBVR Datasheet
837Kb / 34P
Advanced LinCMOS™ RAIL-TO-RAIL VERY LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
REVISED APRIL 2005
TLV2221CDBVRG4 TI1-TLV2221CDBVRG4 Datasheet
731Kb / 32P
Advanced LinCMOS RAIL-TO-RAIL VERY ;OW-POWER SINGLE OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV2221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC225X TI-TLC225X Datasheet
926Kb / 57P
Advanced LinCMOSE RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC227X TI-TLC227X Datasheet
816Kb / 52P
Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2231 TI-TLV2231 Datasheet
585Kb / 27P
Advanced LinCMOSE RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLV225X TI-TLV225X Datasheet
1Mb / 60P
Advanced LinCMOSE RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X Datasheet
817Kb / 51P
Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2711 TI-TLV2711 Datasheet
551Kb / 28P
Advanced LinCMOSE RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
TLV2721 TI-TLV2721 Datasheet
579Kb / 28P
Advanced LinCMOSE RAIL-TO-RAIL VERY LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLV2731 TI-TLV2731 Datasheet
631Kb / 28P
Advanced LinCMOSE RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLC2274ACPW TI-TLC2274ACPW Datasheet
816Kb / 52P
Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI1-TLV226X_15 Datasheet
2Mb / 64P
Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com