Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2221 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2221
Description  Advanced LinCMOSE RAIL-TO-RAIL VERY LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2221 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV2221 Datasheet HTML 6Page - Texas Instruments TLV2221 Datasheet HTML 7Page - Texas Instruments TLV2221 Datasheet HTML 8Page - Texas Instruments TLV2221 Datasheet HTML 9Page - Texas Instruments TLV2221 Datasheet HTML 10Page - Texas Instruments TLV2221 Datasheet HTML 11Page - Texas Instruments TLV2221 Datasheet HTML 12Page - Texas Instruments TLV2221 Datasheet HTML 13Page - Texas Instruments TLV2221 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
TLV2221, TLV2221Y
Advanced LinCMOS
™ RAIL-TO-RAIL
VERY LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
SLOS157A – JUNE 1996 – REVISED JANUARY 1997
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at VDD = 3 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TLV2221Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
V
± ±15 V
V0
V0
620
µV
IIO
Input offset current
VDD ± = ± 1.5 V,
RS =50 Ω
VIC = 0,
VO = 0,
0.5
pA
IIB
Input bias current
RS = 50 Ω
1
pA
– 0.3
VICR
Common-mode input voltage range
| VIO| ≤5 mV,
RS = 50 Ω
to
V
ICR
gg
IO
S
2.2
VOH
High-level output voltage
IOH = – 100 µA
2.97
V
VOL
Low level output voltage
VIC = 1.5 V,
IOL = 50 µA
15
mV
VOL
Low-level output voltage
VIC = 1.5 V,
IOL = 500 µA
150
mV
AVD
Large-signal differential
VO =1Vto2V
RL = 2 kن
3
V/mV
AVD
gg
voltage amplification
VO = 1 V to 2 V
RL = 1 Mن
250
V/mV
rid
Differential input resistance
1012
Ω
ric
Common-mode input resistance
1012
Ω
cic
Common-mode input capacitance
f = 10 kHz
6
pF
zo
Closed-loop output impedance
f = 10 kHz,
AV = 10
90
Ω
CMRR
Common-mode rejection ratio
VIC = 0 to 1.7 V,
VO = 0,
RS = 50 Ω
82
dB
kSVR
Supply voltage rejection ratio (
∆VDD/∆VIO)
VDD = 2.7 V to 8 V, VIC = 0,
No load
95
dB
IDD
Supply current
VO = 0,
No load
100
µA
† Referenced to 1.5 V
electrical characteristics at VDD = 5 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TLV2221Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
V
± ±15 V
V0
V0
610
µV
IIO
Input offset current
VDD ± = ± 1.5 V,
RS =50 Ω
VIC = 0,
VO = 0,
0.5
pA
IIB
Input bias current
RS = 50 Ω
1
pA
– 0.3
VICR
Common-mode input voltage range
| VIO| ≤5 mV,
RS = 50 Ω
to
V
ICR
gg
IO
S
4.2
VOH
High-level output voltage
IOH = – 500 µA
4.88
V
VOL
Low level output voltage
VIC = 2.5 V,
IOL = 50 µA
12
mV
VOL
Low-level output voltage
VIC = 2.5 V,
IOL = 500 µA
120
mV
AVD
Large-signal differential
VO =1Vto4V
RL = 2 kن
5
V/mV
AVD
gg
voltage amplification
VO = 1 V to 4 V
RL = 1 Mن
800
V/mV
rid
Differential input resistance
1012
Ω
ric
Common-mode input resistance
1012
Ω
cic
Common-mode input capacitance
f = 10 kHz
6
pF
zo
Closed-loop output impedance
f = 10 kHz,
AV = 10
70
Ω
CMRR
Common-mode rejection ratio
VIC = 0 to 1.7 V,
VO = 0,
RS = 50 Ω
85
dB
kSVR
Supply voltage rejection ratio (
∆VDD/∆VIO)
VDD = 2.7 V to 8 V, VIC = 0,
No load
95
dB
IDD
Supply current
VO = 0,
No load
110
µA
† Referenced to 2.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com