Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMP5P23S04A Datasheet(PDF) 6 Page - PulseCore Semiconductor

Part # ASMP5P23S04A
Description  3.3V ?쁓preadTrak??Zero Delay Buffer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASMP5P23S04A Datasheet(HTML) 6 Page - PulseCore Semiconductor

Back Button ASMP5P23S04A Datasheet HTML 2Page - PulseCore Semiconductor ASMP5P23S04A Datasheet HTML 3Page - PulseCore Semiconductor ASMP5P23S04A Datasheet HTML 4Page - PulseCore Semiconductor ASMP5P23S04A Datasheet HTML 5Page - PulseCore Semiconductor ASMP5P23S04A Datasheet HTML 6Page - PulseCore Semiconductor ASMP5P23S04A Datasheet HTML 7Page - PulseCore Semiconductor ASMP5P23S04A Datasheet HTML 8Page - PulseCore Semiconductor ASMP5P23S04A Datasheet HTML 9Page - PulseCore Semiconductor ASMP5P23S04A Datasheet HTML 10Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
November 2006
ASM5P23S04A
rev 1.4
3.3 ‘SpreadTrak’ Zero Delay Buffer
6 of 15
Notice: The information in this document is subject to change without notice.
Switching Characteristics for ASM5P23S04A Commercial Temperature Devices
Parameter
Description
Test Conditions
Min Typ Max Unit
1/t1
Output Frequency
30 pF load, All devices
15
100
MHz
1/t1
Output Frequency
20 pF load, -1H, -2H devices
15
133
MHz
1/t1
Output Frequency
15 pF load, -1, -2 devices
15
133
MHz
Duty Cycle
5= (t2 / t1) * 100
(-1, -2, -1H, -2H)
Measured at 1.4V, FOUT = 66.66 MHz
30 pF load
40.0
50.0
60.0
%
Duty Cycle
5 = (t2 / t1) * 100
(-1, -2,-1H, -2H)
Measured at 1.4V, FOUT = <50 MHz
15 pF load
45.0
50.0
55.0
%
t3
Output Rise Time
5
(-1, -2)
Measured between 0.8V and 2.0V
30 pF load
2.20
nS
t3
Output Rise Time
5
(-1, -2)
Measured between 0.8V and 2.0V
15 pF load
1.50
nS
t3
Output Rise Time
5
(-1H, -2H)
Measured between 0.8V and 2.0V
30 pF load
1.50
nS
t4
Output Fall Time
5
(-1, -2)
Measured between 2.0V and 0.8V
30 pF load
2.20
nS
t4
Output Fall Time
5
(-1, -2)
Measured between 2.0V and 0.8V
15 pF load
1.50
nS
t4
Output Fall Time
5
(-1H, -2H)
Measured between 2.0V and 0.8V
30 pF load
1.25
nS
Output-to-output skew on same bank
(-1, -2)
5
All outputs equally loaded
200
Output-to-output skew (-1H, -2H)
All outputs equally loaded
200
Output bank A -to- output bank B skew
(-1, -2H)
All outputs equally loaded
200
t5
Output bank A to output bank B skew (-
2)
All outputs equally loaded
400
pS
t6
Delay, REF Rising Edge to FBK Rising
Edge
5
Measured at VDD /2
0
±250
pS
t7
Device-to-Device Skew
5
Measured at VDD/2 on the FBK pins of
the device
0
500
pS
t8
Output Slew Rate
5
Measured between 0.8V and 2.0V
using
Test Circuit #2
1
V/nS
Measured at 66.67 MHz, loaded
outputs, 15 pF load
175
Measured at 66.67 MHz, loaded
outputs, 30 pF load
200
tJ
Cycle-to-cycle jitter
5
(-1, -1H, -2H)
Measured at 133 MHz, loaded outputs,
15 pF load
100
pS
Measured at 66.67 MHz, loaded
outputs, 30 pF load
400
tJ
Cycle-to-cycle jitter
5
(-2)
Measured at 66.67 MHz, loaded
outputs, 15 pF load
375
pS
tLOCK
PLL Lock Time
5
Stable power supply, valid clock
presented on REF and FBK pins
1.0
mS
Note:
5. Parameter is guaranteed by design and characterization. Not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com