Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMP5P23S04A Datasheet(PDF) 8 Page - PulseCore Semiconductor

Part # ASMP5P23S04A
Description  3.3V ?쁓preadTrak??Zero Delay Buffer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASMP5P23S04A Datasheet(HTML) 8 Page - PulseCore Semiconductor

Back Button ASMP5P23S04A Datasheet HTML 4Page - PulseCore Semiconductor ASMP5P23S04A Datasheet HTML 5Page - PulseCore Semiconductor ASMP5P23S04A Datasheet HTML 6Page - PulseCore Semiconductor ASMP5P23S04A Datasheet HTML 7Page - PulseCore Semiconductor ASMP5P23S04A Datasheet HTML 8Page - PulseCore Semiconductor ASMP5P23S04A Datasheet HTML 9Page - PulseCore Semiconductor ASMP5P23S04A Datasheet HTML 10Page - PulseCore Semiconductor ASMP5P23S04A Datasheet HTML 11Page - PulseCore Semiconductor ASMP5P23S04A Datasheet HTML 12Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
November 2006
ASM5P23S04A
rev 1.4
3.3 ‘SpreadTrak’ Zero Delay Buffer
8 of 15
Notice: The information in this document is subject to change without notice.
Switching Characteristics for ASM5I23S04A Industrial Temperature Devices
Parameter
Description
Test Conditions
Min
Typ
Max Unit
t1
Output Frequency
30 pF load, All devices
15
100
MHz
t1
Output Frequency
20 pF load, -1H, -2H devices
15
133
MHz
t1
Output Frequency
15 pF load, -1 and -2 devices
15
133
MHz
Duty Cycle
8 = (t2 / t1) * 100
(-1, -2, -1H, -2H)
Measured at 1.4V, FOUT = <66.66 MHz
30 pF load
40.0
50.0
60.0
%
Duty Cycle
8= (t2 / t1) * 100
(-1, -2, -1H, -2H)
Measured at 1.4V, FOUT = <50 MHz
15 pF load
45.0
50.0
55.0
%
t3
Output Rise Time
8
(-1, -2)
Measured between 0.8V and 2.0V
30 pF load
2.50
nS
t3
Output Rise Time
8
(-1, -2)
Measured between 0.8V and 2.0V
15 pF load
1.50
nS
t3
Output Rise Time
8
(-1H, -2H)
Measured between 0.8V and 2.0V
30 pF load
1.50
nS
t4
Output Fall Time
8
(-1, -2)
Measured between 2.0V and 0.8V
30 pF load
2.50
nS
t4
Output Fall Time
8
(-1, -2)
Measured between 2.0V and 0.8V
15 pF load
1.50
nS
t4
Output Fall Time
8
(-1H, -2H)
Measured between 2.0V and 0.8V
30 pF load
1.25
nS
Output-to-output skew on same bank (-
1, -2)
8
All outputs equally loaded
200
Output-to-output skew (-1H, -2H)
All outputs equally loaded
200
Output bank A -to- output bank B skew
(-1, -2H)
All outputs equally loaded
200
t5
Output bank A -to- output bank B skew
(-2)
All outputs equally loaded
400
pS
t6
Delay, REF Rising Edge to FBK Rising
Edge
8
Measured at VDD /2
0
±250
pS
t7
Device-to-Device Skew
8
Measured at VDD/2 on the FBK pins of
the device
0
500
pS
t8
Output Slew Rate
8
Measured between 0.8V and 2.0V
using Test Circuit #2
1
V/nS
Measured at 66.67 MHz, loaded
outputs,15 pF load
180
Measured at 66.67 MHz, loaded
outputs,
30 pF load
200
tJ
Cycle-to-cycle jitter
8
(-1, -1H, -2H)
Measured at 133 MHz, loaded
outputs, 15 pF load
100
pS
Measured at 66.67 MHz, loaded
outputs, 30 pF load
400
tJ
Cycle-to-cycle jitter
8
(-2)
Measured at 66.67 MHz, loaded
outputs, 15 pF load
380
pS
tLOCK
PLL Lock Time
8
Stable power supply, valid clock
presented on REF and FBK pins
1.0
mS
Note:
8. Parameter is guaranteed by design and characterization. Not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com