Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMP5P23S04A Datasheet(PDF) 1 Page - PulseCore Semiconductor

Part # ASMP5P23S04A
Description  3.3V ?쁓preadTrak??Zero Delay Buffer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASMP5P23S04A Datasheet(HTML) 1 Page - PulseCore Semiconductor

  ASMP5P23S04A Datasheet HTML 1Page - PulseCore Semiconductor ASMP5P23S04A Datasheet HTML 2Page - PulseCore Semiconductor ASMP5P23S04A Datasheet HTML 3Page - PulseCore Semiconductor ASMP5P23S04A Datasheet HTML 4Page - PulseCore Semiconductor ASMP5P23S04A Datasheet HTML 5Page - PulseCore Semiconductor ASMP5P23S04A Datasheet HTML 6Page - PulseCore Semiconductor ASMP5P23S04A Datasheet HTML 7Page - PulseCore Semiconductor ASMP5P23S04A Datasheet HTML 8Page - PulseCore Semiconductor ASMP5P23S04A Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
November 2006
ASMP5P23S04A
rev 1.4
Notice: The information in this document is subject to change without notice.
PulseCore Semiconductor Corporation
1715 S. Bascom Ave Suite 200, Campbell, CA 95008
• Tel: 408-879-9077 • Fax: 408-879-9018
www.pulsecoresemi.com
3.3V ‘SpreadTrak’ Zero Delay Buffer
Features
•
Zero input - output propagation delay, adjustable
by capacitive load on FBK input.
•
Multiple configurations - Refer “ASM5P23S04A
Configurations Table”.
•
Input frequency range: 15 MHz to 133 MHz
•
Multiple low-skew outputs.
•
Output-output skew less than 200 pS.
•
Device-device skew less than 500 pS.
•
Two banks of two outputs each.
•
Less than 200 pS cycle-to-cycle jitter
•
(-1, -1H, -2, -2H).
•
Available in space saving, 8-pin 150-mil SOIC
package.
•
3.3V operation.
•
Advanced 0.35µ CMOS technology.
•
Industrial temperature available.
•
‘SpreadTrak’.
Functional Description
ASM5P23S04A is a versatile, 3.3V zero-delay buffer
designed
to
distribute
high-speed
clocks
in
PC,
workstation, datacom, telecom and other high-performance
applications. It is available in a 8-pin package. The part has
an on-chip PLL, which locks to an input clock, presented on
the REF pin. The PLL feedback is required to be driven to
FBK pin, and can be obtained from one of the outputs. The
input-to-output propagation delay is guaranteed to be less
than 250 pS, and the output-to-output skew is guaranteed
to be less than 200 pS.
The ASM5P23S04A has two banks of two outputs each.
Multiple ASM5P23S04A devices can accept the same input
clock and distribute it. In this case the skew between the
outputs of the two devices is guaranteed to be less than
500 pS.
The
ASM5P23S04A
is
available
in
two
different
configurations
(Refer
“ASM5P23S04A
Configurations
Table). The ASM5P23S04A-1 is the base part, where the
output frequencies equal the reference if there is no
counter in the feedback path. The ASM5P23S04A-1H is
the high-drive version of the -1 and the rise and fall times
on this device are much faster.
The ASM5P23S04A-2 allows the user to obtain Ref and
1/2X frequencies on each output bank. The exact
configuration and output frequencies depend on which
output drives the feedback pin.
The ASM5P23S04A-2H is a high-drive version with REF/2
on both banks.
Block Diagram
FBK
CLKA1
CLKA2
CLKB1
CLKB2
Extra Divider (-2)
/2
PLL
REF


Similar Part No. - ASMP5P23S04A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASMP5P23S04A ALSC-ASMP5P23S04A Datasheet
226Kb / 13P
3.3 V SpreadTrak Zero Delay Buffer
More results

Similar Description - ASMP5P23S04A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
3.3V Zero-Delay Buffer
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
3.3V Zero-Delay Buffer
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
3.3V ZERO DELAY BUFFER
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_05 Datasheet
143Kb / 8P
3.3V Zero Delay Buffer
CY2304 CYPRESS-CY2304_08 Datasheet
258Kb / 9P
3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P23S08A PULSECORE-ASM5P23S08A Datasheet
404Kb / 17P
3.3V ?쁓preadTrak??Zero Delay Buffer
ASM5P23S05A PULSECORE-ASM5P23S05A Datasheet
368Kb / 18P
3.3V ?쁓preadTrak??Zero Delay Buffer
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY23S08 CYPRESS-CY23S08_09 Datasheet
279Kb / 11P
3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com