Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMP5P23S04A Datasheet(PDF) 11 Page - PulseCore Semiconductor

Part # ASMP5P23S04A
Description  3.3V ?쁓preadTrak??Zero Delay Buffer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASMP5P23S04A Datasheet(HTML) 11 Page - PulseCore Semiconductor

Back Button ASMP5P23S04A Datasheet HTML 7Page - PulseCore Semiconductor ASMP5P23S04A Datasheet HTML 8Page - PulseCore Semiconductor ASMP5P23S04A Datasheet HTML 9Page - PulseCore Semiconductor ASMP5P23S04A Datasheet HTML 10Page - PulseCore Semiconductor ASMP5P23S04A Datasheet HTML 11Page - PulseCore Semiconductor ASMP5P23S04A Datasheet HTML 12Page - PulseCore Semiconductor ASMP5P23S04A Datasheet HTML 13Page - PulseCore Semiconductor ASMP5P23S04A Datasheet HTML 14Page - PulseCore Semiconductor ASMP5P23S04A Datasheet HTML 15Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
November 2006
ASM5P23S04A
rev 1.4
3.3 ‘SpreadTrak’ Zero Delay Buffer
11 of 15
Notice: The information in this document is subject to change without notice.
Package Information:
8-lead (150 Mil) Molded SOIC
E
H
D
A1
A2
A
θ
L
C
B
e
Dimensions
Inches
Millimeters
Symbol
Min
Max
Min
Max
A1
0.004
0.010
0.10
0.25
A
0.053
0.069
1.35
1.75
A2
0.049
0.059
1.25
1.50
B
0.012
0.020
0.31
0.51
C
0.007
0.010
0.18
0.25
D
0.193 BSC
4.90 BSC
E
0.154 BSC
3.91 BSC
e
0.050 BSC
1.27 BSC
H
0.236 BSC
6.00 BSC
L
0.016
0.050
0.41
1.27
θ
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com