Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMP5P23S04A Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # ASMP5P23S04A
Description  3.3V ?쁓preadTrak??Zero Delay Buffer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASMP5P23S04A Datasheet(HTML) 2 Page - PulseCore Semiconductor

  ASMP5P23S04A Datasheet HTML 1Page - PulseCore Semiconductor ASMP5P23S04A Datasheet HTML 2Page - PulseCore Semiconductor ASMP5P23S04A Datasheet HTML 3Page - PulseCore Semiconductor ASMP5P23S04A Datasheet HTML 4Page - PulseCore Semiconductor ASMP5P23S04A Datasheet HTML 5Page - PulseCore Semiconductor ASMP5P23S04A Datasheet HTML 6Page - PulseCore Semiconductor ASMP5P23S04A Datasheet HTML 7Page - PulseCore Semiconductor ASMP5P23S04A Datasheet HTML 8Page - PulseCore Semiconductor ASMP5P23S04A Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
November 2006
ASM5P23S04A
rev 1.4
3.3 ‘SpreadTrak’ Zero Delay Buffer
2 of 15
Notice: The information in this document is subject to change without notice.
ASM5P23S04A Configurations
Device
Feedback From
Bank A Frequency
Bank B Frequency
ASM5P23S04A-1
Bank A or Bank B
Reference
Reference
ASM5P23S04A-1H
Bank A or Bank B
Reference
Reference
ASM5P23S04A-2
Bank A or Bank B
Reference
Reference /2
ASM5P23S04A-2H
Bank A or Bank B
Reference
Reference /2
‘SpreadTrak’
Many systems being designed now utilize a technology
called Spread Spectrum Frequency Timing Generation.
ASM5P23S04A is designed so as not to filter off the
Spread Spectrum feature of the Reference Input, assuming
it exists. When a zero delay buffer is not designed to pass
the Spread Spectrum feature through, the result is a
significant amount of tracking skew which may cause
problems in the systems requiring synchronization.
Zero Delay and Skew Control
For applications requiring zero input-output delay, all
outputs must be equally loaded.
To close the feedback loop of the ASM5P23S04A, the FBK
pin can be driven from any of the four available output pins.
The output driving the FBK pin will be driving a total load of
7pF plus any additional load that it drives. The relative
loading of this output (with respect to the remaining
outputs) can adjust the input output delay. This is shown in
the above graph.
For applications requiring zero input-output delay, all
outputs including the one providing feedback should be
equally loaded. If input-output delay adjustments are
required, use the above graph to calculate loading
differences between the feedback output and remaining
outputs. For zero output-output skew, be sure to load
outputs equally.
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
0
-500
-1000
-1500
500
1000
1500
Output Load Difference: FBK Load - CLKA/CLKB Load (pF)
REF Input to CLKA/CLKB Delay Vs Difference in Loading between FBK pin and CLKA/CLKB pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com