Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2202AI Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS2202AI
Description  DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2202AI Datasheet(HTML) 4 Page - Texas Instruments

  TPS2202AI Datasheet HTML 1Page - Texas Instruments TPS2202AI Datasheet HTML 2Page - Texas Instruments TPS2202AI Datasheet HTML 3Page - Texas Instruments TPS2202AI Datasheet HTML 4Page - Texas Instruments TPS2202AI Datasheet HTML 5Page - Texas Instruments TPS2202AI Datasheet HTML 6Page - Texas Instruments TPS2202AI Datasheet HTML 7Page - Texas Instruments TPS2202AI Datasheet HTML 8Page - Texas Instruments TPS2202AI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
TPS2202AI
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH
WITH RESET FOR SERIAL PCMCIA CONTROLLER
SLVS123A – SEPTEMBER 1995 – REVISED JUNE 1998
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
electrical characteristics, TA = 25°C, VDD = 5 V (unless otherwise noted)
dc characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
†
5 V to xVCC
160
m
Ω
†
3.3 V to xVCC
225
m
Ω
Switch resistances†
5 V to xVPP
6
3.3 V to xVPP
6
Ω
12 V to xVPP
1
VO(xVPP)
Clamp low voltage
Ipp at 10 mA
0.8
V
VO(xVCC)
Clamp low voltage
ICC at 10 mA
0.8
V
Ipp High-impedance
TA = 25°C
1
10
Ilk
Leakage current
g
state
TA = 85°C
50
µA
Ilkg
Leakage current
ICC High-impedance
TA = 25°C
1
10
µA
CC
g
state
TA = 85°C
50
II
Input current
IDD Supply current
VO(AVCC) = VO(BVCC) = 5 V,
VO(AVPP) = VO(BVPP) = 12 V
83
150
µA
II
Input current
IDD Supply current
in shutdown
VO(BVCC) = VO(AVCC) = VO(AVPP)
= VO(BVPP) = Hi-Z
1
µA
Power-ready threshold,
PWR_GOOD
10.72
11.05
11.4
V
Power-ready hysteresis,
PWR_GOOD
12-V mode
50
mV
Short-circuit output-
IO(xVCC)
TJ = 85°C,
0.75
1.3
1.9
A
current limit
IO(xVPP)
J
,
Output powered up into a short to GND
120
200
400
mA
† Pulse-testing techniques are used to maintain junction temperature close to ambient temperature; thermal effects must be taken into account
separately.
logic section
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Logic input current
1
µA
Logic input high level
2
V
Logic input low level
0.8
V
Logic output high level
IO =1mA
VDD – 0.4
V
Logic output low level
IO = 1 mA
0.4
V
Logic input minimum pulse width
1
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com