Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2202AI Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS2202AI
Description  DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2202AI Datasheet(HTML) 5 Page - Texas Instruments

  TPS2202AI Datasheet HTML 1Page - Texas Instruments TPS2202AI Datasheet HTML 2Page - Texas Instruments TPS2202AI Datasheet HTML 3Page - Texas Instruments TPS2202AI Datasheet HTML 4Page - Texas Instruments TPS2202AI Datasheet HTML 5Page - Texas Instruments TPS2202AI Datasheet HTML 6Page - Texas Instruments TPS2202AI Datasheet HTML 7Page - Texas Instruments TPS2202AI Datasheet HTML 8Page - Texas Instruments TPS2202AI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
TPS2202AI
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH
WITH RESET FOR SERIAL PCMCIA CONTROLLER
SLVS123A – SEPTEMBER 1995 – REVISED JUNE 1998
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
switching characteristics†
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t
Output rise times
VO(xVCC)
1.2
tr
Output rise times
VO(xVPP)
5
ms
tf
Output fall times
VO(xVCC)
10
ms
tf
Output fall times
VO(xVPP)
14
‡
LATCH
↑ to VO( VPP)
ton
5.8
ms
‡
LATCH
↑ to VO(xVPP)
toff
18
ms
t d
Propagation delay (see Figure 1‡)
LATCH
↑ to xVCC (3 V)
ton
5.8
ms
tpd
Propagation delay (see Figure 1‡)
LATCH
↑ to xVCC (3 V)
toff
28
ms
LATCH
↑ to xVCC (5 V)
ton
4
ms
LATCH
↑ to xVCC (5 V)
toff
30
ms
† Refer to Parameter Measurement Information
‡ Propagation delays are with CL = 100 µF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com