Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2202AI Datasheet(PDF) 20 Page - Texas Instruments

Part # TPS2202AI
Description  DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2202AI Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS2202AI Datasheet HTML 15Page - Texas Instruments TPS2202AI Datasheet HTML 16Page - Texas Instruments TPS2202AI Datasheet HTML 17Page - Texas Instruments TPS2202AI Datasheet HTML 18Page - Texas Instruments TPS2202AI Datasheet HTML 19Page - Texas Instruments TPS2202AI Datasheet HTML 20Page - Texas Instruments TPS2202AI Datasheet HTML 21Page - Texas Instruments TPS2202AI Datasheet HTML 22Page - Texas Instruments TPS2202AI Datasheet HTML 23Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
TPS2202AI
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH
WITH RESET FOR SERIAL PCMCIA CONTROLLER
SLVS123A – SEPTEMBER 1995 – REVISED JUNE 1998
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
APPLICATION INFORMATION
DATA
CLOCK
LATCH
APWR_GOOD
DATA
CLOCK
LATCH
AVPPGOOD
BVPPGOOD
Vpp1
Vpp2
VCC
Vpp1
Vpp2
VCC
CS
PC Card
Connector B
PC Card
Connector A
PCMCIA
Controller
AVCC
AVCC
AVCC
BVCC
BVCC
BVCC
AVPP
AVPP
BVPP
BVPP
3.3V
3.3 V
0.1
µF
5 V
12 V
VDD
Shutdown Signal
From CPU
To CPU
OC
BPWR_GOOD
VCC
VCC
5V
5 V
GND
3.3V
5V
3.3V
5V
12V
12V
TPS2202AI
0.1
µF
0.1
µF
0.1
µF
System Voltage
Supervisor
or
Bus Reset
RESET
RESET
Figure 25. Detailed Interconnections and Capacitor Recommendations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com