Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2202AI Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS2202AI
Description  DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2202AI Datasheet(HTML) 1 Page - Texas Instruments

  TPS2202AI Datasheet HTML 1Page - Texas Instruments TPS2202AI Datasheet HTML 2Page - Texas Instruments TPS2202AI Datasheet HTML 3Page - Texas Instruments TPS2202AI Datasheet HTML 4Page - Texas Instruments TPS2202AI Datasheet HTML 5Page - Texas Instruments TPS2202AI Datasheet HTML 6Page - Texas Instruments TPS2202AI Datasheet HTML 7Page - Texas Instruments TPS2202AI Datasheet HTML 8Page - Texas Instruments TPS2202AI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
TPS2202AI
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH
WITH RESET FOR SERIAL PCMCIA CONTROLLER
SLVS123A – SEPTEMBER 1995 – REVISED JUNE 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
D Fully Integrated VCC and Vpp Switching for
Dual-Slot PC Card
™ Interface
D P2C™ 3-Lead Serial Interface Compatible
With CardBus
™ Controllers
D Meets PC Card Standards
D RESET Allows System Initialization of PC
Cards
D 12-V Supply Can Be Disabled Except
During 12-V Flash Programming
D Short Circuit and Thermal Protection
D Space-Saving 30-Pin SSOP (DB) Package
D Compatible With 3.3-V, 5-V and 12-V PC
Cards
D Power Saving IDD = 83 µA Typ, IQ = 1 µA
D Low rDS(on) (160-mΩ VCC Switch)
D Break-Before-Make Switching
description
The TPS2202AI PC Card power-interface switch provides an integrated power-management solution for two
PC Cards. All of the discrete power MOSFETs, a logic section, current limiting, thermal protection, and
power-good reporting for PC Card control are combined on a single integrated circuit (IC), using the Texas
Instruments LinBiCMOS
™ process. The circuit allows the distribution of 3.3-V, 5-V, and/or 12-V card power by
means of the P2C (PCMCIA Peripheral-Control) Texas Instruments nonproprietary serial interface. The
current-limiting feature eliminates the need for fuses, which reduces component count and improves reliability.
Current-limit reporting can help the user isolate a system fault to a specific card.
The TPS2202AI incorporates a reset function, selectable by one of two inputs, to help alleviate system errors.
The reset function enables PC Card initialization concurrent with host platform initialization, allowing a system
reset. Reset is accomplished by grounding the VCC and Vpp (flash-memory programming voltage) outputs,
which discharges residual card voltage.
End equipment for the TPS2202AI includes notebook computers, desktop computers, personal digital assistants
(PDAs), digital cameras, handiterminals, and bar-code scanners. The TPS2202AI is only available taped and
reeled (either TPS2202AIDFLE or TPS2202AIDBLE).
LinBiCMOS and P2C are trademarks of Texas Instruments Incorporated.
PC Card and CardBus are trademarks of PCMCIA (Personal Computer Memory Card International Association).
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
5V
5V
DATA
CLOCK
LATCH
RESET
12V
AVPP
AVCC
AVCC
AVCC
GND
APWR_GOOD
RESET
3.3V
5V
NC
NC
NC
NC
VDD
12V
BVPP
BVCC
BVCC
BVCC
BPWR_GOOD
OC
3.3V
3.3V
DB OR DF PACKAGE
(TOP VIEW)
NC – No internal connection


Similar Part No. - TPS2202AI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2202AIDB TI1-TPS2202AIDB Datasheet
656Kb / 25P
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2202AIDBG4 TI1-TPS2202AIDBG4 Datasheet
656Kb / 25P
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2202AIDBLE TI1-TPS2202AIDBLE Datasheet
656Kb / 25P
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2202AIDBR TI1-TPS2202AIDBR Datasheet
656Kb / 25P
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2202AIDBRG4 TI1-TPS2202AIDBRG4 Datasheet
656Kb / 25P
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
More results

Similar Description - TPS2202AI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2202 TI-TPS2202 Datasheet
455Kb / 21P
DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2206 TI-TPS2206 Datasheet
458Kb / 28P
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2214 TI-TPS2214 Datasheet
351Kb / 26P
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2216 TI-TPS2216 Datasheet
371Kb / 27P
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2202A TI1-TPS2202A Datasheet
656Kb / 25P
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2204A TI1-TPS2204A Datasheet
1,001Kb / 37P
PC CARD??POWER-INTERFACE SWITCH WITH RESER FOR SERIAL PCMCIA CONTROLLER
TPS2206IDB TI-TPS2206IDB Datasheet
1Mb / 33P
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2206ADAPR TI-TPS2206ADAPR Datasheet
1,001Kb / 37P
POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2204A TI1-TPS2204A_16 Datasheet
973Kb / 34P
PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2206A TI1-TPS2206A Datasheet
208Kb / 25P
DUAL-SLOT PC CARD田?POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com