Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2202AI Datasheet(PDF) 16 Page - Texas Instruments

Part # TPS2202AI
Description  DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2202AI Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS2202AI Datasheet HTML 12Page - Texas Instruments TPS2202AI Datasheet HTML 13Page - Texas Instruments TPS2202AI Datasheet HTML 14Page - Texas Instruments TPS2202AI Datasheet HTML 15Page - Texas Instruments TPS2202AI Datasheet HTML 16Page - Texas Instruments TPS2202AI Datasheet HTML 17Page - Texas Instruments TPS2202AI Datasheet HTML 18Page - Texas Instruments TPS2202AI Datasheet HTML 19Page - Texas Instruments TPS2202AI Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
TPS2202AI
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH
WITH RESET FOR SERIAL PCMCIA CONTROLLER
SLVS123A – SEPTEMBER 1995 – REVISED JUNE 1998
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
APPLICATION INFORMATION
RESET or RESET inputs
To ensure that cards are in a known state after power brownouts or system initialization, the PC Cards should
be reset at the same time as the host by applying a low impedance to the VCC and Vpp terminals. A
low-impedance output state allows discharging of residual voltage remaining on PC Card filter capacitance,
permitting the system (host and PC Cards) to be powered up concurrently. The RESET or RESET input will close
internal switches S1, S4, S7, and S10 with all other switches left open (see TPS2202AI control-logic table). The
TPS2202AI remains in the low-impedance output state until the signal is deasserted and further data is clocked
in and latched. RESET or RESET is provided for direct compatibility with systems that use either an active-low
or active-high reset voltage supervisor. The unused pin is internally pulled up or down and should be left
unconnected.
overcurrent and thermal protection
The TPS2202AI uses sense FETs to check for overcurrent conditions in each of the VCC and Vpp outputs. Unlike
sense resistors or polyfuses, these FETs do not add to the series resistance of the switch; therefore, voltage
and power losses are reduced. Overcurrent sensing is applied to each output separately. When an overcurrent
condition is detected, only the power output affected is limited; all other power outputs continue to function
normally. The OC indicator, normally a logic high, is a logic low when any overcurrent condition is detected,
providing for initiation of system diagnostics and/or sending a warning message to the user.
During power up, the TPS2202AI controls the rise time of the VCC and Vpp outputs and limits the current into
a faulty card or connector. If a short circuit is applied after power is established (e.g., hot insertion of a bad card),
current is initially limited only by the impedance between the short and the power supply. In extreme cases, as
much as 10 A to 15 A may flow into the short before the current limiting of the TPS2202AI engages. If the VCC
or Vpp outputs are driven below ground, the TPS2202AI may latch nondestructively in an off state. Cycling power
will reestablish normal operation.
Overcurrent limiting for the VCC outputs is designed to activate, if powered up, into a short in the range of
0.75 A to 1.9 A, typically at about 1.3 A. The Vpp outputs limit from 120 mA to 400 mA, typically around 200 mA.
The protection circuitry acts by linearly limiting the current passing through the switch rather than initiating a full
shutdown of the supply. Shutdown occurs only during thermal limiting.
Thermal limiting prevents destruction of the IC from overheating if the package power-dissipation ratings are
exceeded. Thermal limiting disables all power outputs (both A and B slots) until the device has cooled.
calculating junction temperature
The switch resistance, rDS(on), is dependent on the junction temperature, TJ, of the die. The junction temperature
is dependent on both rDS(on) and the current through the switch. To calculate TJ, first find rDS(on) from Figures
16, 17, and 18 using an initial temperature estimate about 50
°C above ambient. Then calculate the power
dissipation for each switch, using the formula:
P
D +
r
DS(on)
I2
Next, sum the power dissipation and calculate the junction temperature:
T
J + S
P
D
RqJA ) TA,RqJA + 108 C W
°
Compare the calculated junction temperature with the initial temperature estimate. If the temperatures are not
within a few degrees of each other, recalculate using the calculated temperature as the initial estimate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com