Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB12C01A Datasheet(PDF) 7 Page - Texas Instruments

Part # TSB12C01A
Description  High-Speed Serial-Bus Link-Layer Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB12C01A Datasheet(HTML) 7 Page - Texas Instruments

Back Button TSB12C01A Datasheet HTML 3Page - Texas Instruments TSB12C01A Datasheet HTML 4Page - Texas Instruments TSB12C01A Datasheet HTML 5Page - Texas Instruments TSB12C01A Datasheet HTML 6Page - Texas Instruments TSB12C01A Datasheet HTML 7Page - Texas Instruments TSB12C01A Datasheet HTML 8Page - Texas Instruments TSB12C01A Datasheet HTML 9Page - Texas Instruments TSB12C01A Datasheet HTML 10Page - Texas Instruments TSB12C01A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 59 page
background image
1–1
1 Overview
1.1
Description
The TSB12C01A is an IEEE 1394-1995 standard (from now on referred to only as 1394) high-speed
serial-bus link-layer controller that allows for easy integration into an I/O subsystem. The TSB12C01A
transmits and receives correctly formatted 1394 packets and generates and inspects the 32-bit cyclic
redundancy check (CRC). The TSB12C01A is capable of being a cycle master and supports reception of
isochronous data on two channels. It interfaces directly to the TSB11C01, TSB11LV01, and TSB21LV03
physical-layer chips and can support bus speeds of 100, 200, and 400 Mb/s. The TSB12C01A has a generic
32-bit host bus interface, which makes connection to most 32-bit host buses very simple. The TSB12C01A
has software-adjustable FIFOs for optimal FIFO size and performance characterization and allows for
variable-size asynchronous-transmit FIFO (ATF), isochronous-transmit FIFO (ITF), and general-receive
FIFO (GRF).
This document is not intended to serve as a tutorial on 1394; users should refer to the IEEE 1394-1995 serial
bus for detailed information regarding the 1394 high-speed serial bus.
1.2
Features
The following are features of the TSB12C01A.
1.2.1
Link
•
Complies With IEEE-1394-1995 Standard
•
Transmits and Receives Correctly Formatted 1394 Packets
•
Supports Isochronous Data Transfer
•
Performs Function of Cycle Master
•
Generates and Checks 32-Bit CRC
•
Detects Lost Cycle-Start Messages
•
Contains Asynchronous, Isochronous, and General-Receive FIFOs
1.2.2
Physical-Link Interface
•
Interfaces Directly to the TSB11C01, TSB11LV01, TSB14C01, and TSB21LV03 Phy Chips
•
Supports Speeds of 100, 200, and 400 Mb/s
•
Implements the Physical-Link Interface Described in Annex J of the IEEE 1394-1995 Standard
•
Supports TI Bus Holder Isolation External Implementation
1.2.3
Host Bus Interface
•
Provides Chip Control With Directly Addressable Registers
•
Is Interrupt Driven to Minimize Host Polling
•
Has a Generic 32-Bit Host Bus Interface
1.2.4
General
•
Requires a Single 5-V
±5% Power Supply
•
Manufactured with Low-Power CMOS Technology
•
Packaged in a 100-Pin Thin Quad Flat Package (TQFP) (PZ Package) for 0
°C to 70°C and –40°C
to 85
°C Operation
•
Packaged in a 100-Pin Ceramic Quad Flat Package (WN Package) for – 55
°C to 125°C Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com