Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB12C01A Datasheet(PDF) 24 Page - Texas Instruments

Part # TSB12C01A
Description  High-Speed Serial-Bus Link-Layer Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB12C01A Datasheet(HTML) 24 Page - Texas Instruments

Back Button TSB12C01A Datasheet HTML 20Page - Texas Instruments TSB12C01A Datasheet HTML 21Page - Texas Instruments TSB12C01A Datasheet HTML 22Page - Texas Instruments TSB12C01A Datasheet HTML 23Page - Texas Instruments TSB12C01A Datasheet HTML 24Page - Texas Instruments TSB12C01A Datasheet HTML 25Page - Texas Instruments TSB12C01A Datasheet HTML 26Page - Texas Instruments TSB12C01A Datasheet HTML 27Page - Texas Instruments TSB12C01A Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 59 page
background image
3–8
3.2.6
Isochronous Receive-Port Number Register
The isochronous receive-port number register controls which isochronous channels are received by this
node. This register is at address 18h. The register is read/write, and its initial value is 0000_0000h.
Table 3–6. Isochronous Receive-Port Number Register Field Descriptions
BITS
ACRONYM
FUNCTION NAME
DESCRIPTION
0–7
IRPort1
Isochronous receive
TAG bits and port 1
channel number
IRPort1 contains the channel number of the isochronous packets the
receiver accepts when IRP1En is set (bits 0 and 1 are reserved as
TAG bits). See Table 4–5 and Table 4–6 for more information.
8–15
IRPort2
Isochronous receive
TAG bits and port 2
channel number
IRPort2 contains the channel number of the isochronous packets the
receiver accepts when IRP2En is set (bits 8 and 9 are reserved as
TAG bits). See Table 4–5 and Table 4–6 for more information.
16 – 31
Reserved
Reserved
Reserved
3.2.7
Diagnostic Control and Status Register
The diagnostic control and status register allows for the monitoring and control of the diagnostic features
of the TSB12C01A. The register is at address 20h. The regRW and enable snoop bits are read/write. When
regRW is cleared, all other bits are read only. When regRW is set, all bits are read/write. Its initial value is
0000_0000h. For a RAM test read/ write, enable RAM test mode and set Adr_clr to clear the RAM internal
address counter. Do the host bus read/ write to location 80h; this accesses RAM starting at location 00h.
With each read/ write the RAM internal address counter increments by one.
Table 3–7. Diagnostic Control and Status-Register Field Descriptions
BITS
ACRONYM
FUNCTION NAME
DESCRIPTION
0
ENSp
Enable Snoop
When ENSp is set, the receiver accepts all packets on the bus
regardless of address or format. The receiver uses the snoop data
format defined in Section 4.4.
1
BsyFl
Busy flag
When BsyFl is set, the receiver sends an ack_busyB the next time the
receiver must busy a packet. When cleared, the receiver sends an
ack_busyA the next time the receiver must busy a packet.
2
ArbGp
Arbitration reset
gap
When ArbGp is set, the serial bus has been idle for an arbitration reset
gap.
3
FrGp
Fair gap
When FrGp is set, the serial bus has been idle for a fair-gap time
(Sub-Action Gap).
4
regR/ W
Register read/ write
access
When regR/ W is set, most registers are fully read/write.
5
Adr_clr
Address clear
When Adr_clr is set, the internal RAM address counter and the
Control_bit_err flag are cleared.
6
Control_bit1
Control bit for RAM
test write
During RAM test mode, Control_bit1 is written into the control bit of
RAM (bit 33) for RAM write transaction.
7
Control_bit_err
Control bit error
flag
When Control_bit_err is set, the control bit of the RAM does not
match Control_bit1 during RAM test mode.
8
RAMTest
RAM test mode
When RAMTest and regRW are set, RAM test mode is enabled.
9–31
Reserved
Reserved
Reserved
3.2.8
Phy-Chip Access Register
The phy-chip access register allows access to the registers in the attached phy chip. The most significant
16 bits send read and write requests to the phy-chip registers. The least significant 16 bits are for the phy
chip to respond to a read request sent by the TSB12C01A. The phy-chip access register also allows the
phy interface to send important information back to the TSB12C01A. When the phy interface sends new



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com