Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB12C01A Datasheet(PDF) 12 Page - Texas Instruments

Part # TSB12C01A
Description  High-Speed Serial-Bus Link-Layer Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB12C01A Datasheet(HTML) 12 Page - Texas Instruments

Back Button TSB12C01A Datasheet HTML 8Page - Texas Instruments TSB12C01A Datasheet HTML 9Page - Texas Instruments TSB12C01A Datasheet HTML 10Page - Texas Instruments TSB12C01A Datasheet HTML 11Page - Texas Instruments TSB12C01A Datasheet HTML 12Page - Texas Instruments TSB12C01A Datasheet HTML 13Page - Texas Instruments TSB12C01A Datasheet HTML 14Page - Texas Instruments TSB12C01A Datasheet HTML 15Page - Texas Instruments TSB12C01A Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 59 page
background image
1–6
Table 1–1. Terminal Functions (Continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
NTBIHIZ
71
I
NAND-tree bidirectional 3-state output. When NTBIHIZ is deasserted (low), the
bidirectional I/Os operate in a normal state. When NTBIHZ is asserted (high), the
bidirectional I/Os are in the 3-state output mode. (This is a manufacturing
test-mode condition and should be grounded under normal operating conditions.)
NTCLK
73
I
NAND clock input. The NAND-tree clock is used for VIH and VIL manufacturing
tests. (This input should be grounded under normal operating conditions.)
NTOUT
72
O
NAND-tree output. This output should remain open under normal operating
conditions.
RESET
39
I
Reset (active low). RESET is the asynchronous reset to the TSB12C01A.
VCC
6, 16, 26,
33, 43, 56,
64, 74, 86,
96
5-V
±5% power supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com