Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB12C01A Datasheet(PDF) 35 Page - Texas Instruments

Part # TSB12C01A
Description  High-Speed Serial-Bus Link-Layer Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB12C01A Datasheet(HTML) 35 Page - Texas Instruments

Back Button TSB12C01A Datasheet HTML 31Page - Texas Instruments TSB12C01A Datasheet HTML 32Page - Texas Instruments TSB12C01A Datasheet HTML 33Page - Texas Instruments TSB12C01A Datasheet HTML 34Page - Texas Instruments TSB12C01A Datasheet HTML 35Page - Texas Instruments TSB12C01A Datasheet HTML 36Page - Texas Instruments TSB12C01A Datasheet HTML 37Page - Texas Instruments TSB12C01A Datasheet HTML 38Page - Texas Instruments TSB12C01A Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 59 page
background image
4–5
4.2
Isochronous Transmit (Host Bus to TSB12C01A)
The format of the isochronous-transmit packet is shown in Figure 4–5. The data for each channel must be
presented to the isochronous-transmit FIFO interface in this format in the order that packets are to be sent.
The transmitter sends any packets available at the isochronous-transmit interface immediately following
reception or transmission of the cycle-start message.
0
1 2 3
4
5 6 7
8
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31
chanNum
spd
sy
isochronous data
dataLength
TAG
Figure 4–5. Isochronous-Transmit Format
Table 4–5. Isochronous-Transmit Functions
FIELD NAME
DESCRIPTION
dataLength
This field indicates the number of bytes in this packet
TAG
This field indicates the format of data carried by the isochronous packet (00 = formatted, 01 – 11
are reserved).
chanNum
This field carries the channel number with which this data is associated.
spd
This field contains the speed at which to send this packet.
sy
This field carries the transaction layer-specific synchronization bits.
isochronous data
This field contains the data to be sent with this packet. The first byte of data must appear in byte
0 of the first quadlet of this field. If the last quadlet does not contain four bytes of data, the unused
bytes should be padded with zeros.
4.3
Isochronous Receive (TSB12C01A to Host Bus)
The format of the isochronous-receive data is shown in Figure 4–6. The data length, which is found in the
header of the packet, determines the number of bytes in an isochronous packet.
0
1 2 3
4
5 6 7
8
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31
chanNum
tCode
sy
isochronous data
dataLength
spd
errCode
TAG
Figure 4–6. Isochronous-Receive Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com