Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB12C01A Datasheet(PDF) 13 Page - Texas Instruments

Part # TSB12C01A
Description  High-Speed Serial-Bus Link-Layer Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB12C01A Datasheet(HTML) 13 Page - Texas Instruments

Back Button TSB12C01A Datasheet HTML 9Page - Texas Instruments TSB12C01A Datasheet HTML 10Page - Texas Instruments TSB12C01A Datasheet HTML 11Page - Texas Instruments TSB12C01A Datasheet HTML 12Page - Texas Instruments TSB12C01A Datasheet HTML 13Page - Texas Instruments TSB12C01A Datasheet HTML 14Page - Texas Instruments TSB12C01A Datasheet HTML 15Page - Texas Instruments TSB12C01A Datasheet HTML 16Page - Texas Instruments TSB12C01A Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
2–1
2 Architecture
2.1
Functional Block Diagram
The functional block architecture of the TSB12C01A is shown in Figure 2–1.
Transmitter
Cycle Timer
Cycle Monitor
CRC
Receiver
Configuration Registers
GRF
ITF
ATF
P
h
y
s
i
c
a
l
I
n
t
e
r
f
a
c
e
H
o
s
t
I
n
t
e
r
f
a
c
e
Figure 2–1. TSB12C01A Block Diagram
2.1.1
Physical Interface
The physical (phy) interface provides phy-level services to the transmitter and receiver. This includes
gaining access to the serial bus, sending packets, receiving packets, and sending and receiving
acknowledge packets.
The phy interface module also interfaces to the phy chip and conforms to the phy-link interface specification
described in Annex J of the IEEE 1394-1995 standard (refer to Section 7 of this document for more
information).
2.1.2
Transmitter
The transmitter retrieves data from either the ATF or the ITF and creates correctly formatted serial-bus
packets to be transmitted through the phy interface. When data is present at the ATF interface to the
transmitter, the TSB12C01A phy interface arbitrates for the serial bus and sends a packet. When data is
present at the ITF interface to the transmitter, the TSB12C01A arbitrates for the serial bus during the next
isochronous cycle. The transmitter autonomously sends the cycle-start packets when the chip is a cycle
master.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com