Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2040 Datasheet(PDF) 6 Page - Texas Instruments

Part # TUSB2040
Description  4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2040 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TUSB2040 Datasheet HTML 2Page - Texas Instruments TUSB2040 Datasheet HTML 3Page - Texas Instruments TUSB2040 Datasheet HTML 4Page - Texas Instruments TUSB2040 Datasheet HTML 5Page - Texas Instruments TUSB2040 Datasheet HTML 6Page - Texas Instruments TUSB2040 Datasheet HTML 7Page - Texas Instruments TUSB2040 Datasheet HTML 8Page - Texas Instruments TUSB2040 Datasheet HTML 9Page - Texas Instruments TUSB2040 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TUSB2040A
4-PORT HUB FOR THE UNIVERSAL SERIAL BUS
WITH OPTIONAL SERIAL EEPROM INTERFACE
SLLS288B – FEBRUARY 1998 – REVISED MARCH 1998
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
differential driver switching characteristics over recommended ranges of operating free-air
temperature and supply voltage, CL = 50 pF unless otherwise noted (see Figures 1 and 2)
full speed mode
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tr
Transition rise time for DP or DM
See Figure 1 and Figure 2
4
20
ns
tf
Transition fall time for DP or DM
See Figure 1 and Figure 2
4
20
ns
t(RFM)
Rise/fall time matching
(tr/tf) x 100
90
110
%
VO(CRS) Signal crossover output voltage
1.3
2.0
V
low speed mode
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tr
Transition rise time for DP to DM
CL = 50 pF to 350 pF,
See Figure 1 and Figure 2
75
300
ns
tf
Transition fall time for DP to DM
CL = 50 pF to 350 pF,
See Figure 1 and Figure 2
75
300
ns
t(RFM)
Rise/fall time matching
(tr/tf) x 100
80
120
%
VO(CRS) Signal crossover output voltage
CL = 50 pF to 350 pF
1.3
2.0
V
CL
15 k
Ω
15 k
Ω
CL
Full
Low
V(TERM) = 2.8 V
1.5 k
Ω
DP
DM
22
Ω
22
Ω
Characterization
measurement point
Figure 1. Differential Driver Switching Load
tr
90%
10%
VOH
VOL
DM
DP
90%
10%
tf
Figure 2. Differential Driver Timing Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com