Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2040 Datasheet(PDF) 12 Page - Texas Instruments

Part # TUSB2040
Description  4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2040 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TUSB2040 Datasheet HTML 8Page - Texas Instruments TUSB2040 Datasheet HTML 9Page - Texas Instruments TUSB2040 Datasheet HTML 10Page - Texas Instruments TUSB2040 Datasheet HTML 11Page - Texas Instruments TUSB2040 Datasheet HTML 12Page - Texas Instruments TUSB2040 Datasheet HTML 13Page - Texas Instruments TUSB2040 Datasheet HTML 14Page - Texas Instruments TUSB2040 Datasheet HTML 15Page - Texas Instruments TUSB2040 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
TUSB2040A
4-PORT HUB FOR THE UNIVERSAL SERIAL BUS
WITH OPTIONAL SERIAL EEPROM INTERFACE
SLLS288B – JANUARY 1998 – REVISED MARCH 1998
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
bus-powered hub, ganged port power management
A bus-powered TUSB2040A supports up to four downstream ports and is capable of supplying 100 mA of
current for low-power device class functions to each downstream port. Bus-powered hubs must implement
power switching. Ganged power management (see Figure 10) utilizes the TPS2014 power switch device and
provides overcurrent protection for downstream ports. Individual SN75240 transient suppressors reduce
in-rush current and voltage spikes. The TPS7133 low-dropout voltage regulator provides a power good (PG)
signal for reset at power up. OVRCUR1 – OVRCUR4 inputs can be tied together for ganged mode operation.
Figure 10. TUSB2040A Bus-Powered Hub, Ganged Port Power Management Application
† TPS2014, TPS7133, and SN75240 are Texas Instruments devices.
‡ See Figures 7 and 8.
§ Minimum value required per USB specification, version 1.0.
DP1
DM1
DP2
DM2
DP3
DM3
DP4
PWRON1
PWRON2
PWRON3
PWRON4
OVRCUR1
OVRCUR2
OVRCUR3
OVRCUR4
DM4
DP0
DM0
VCC
XTAL1
XTAL2
EXTMEM
RESET
SN75240†
EN
IN
OC OUT
D +
D –
5 V
GND
D +
D –
5 V
D +
D –
5 V
D +
D –
5 V
Downstream
Ports
TUSB2040A
TPS2014†
A
B
C
D
120
µF§
SN75240†
A
B
C
D
GND
GND
GND
1
µF
120
µF§
120
µF§
120
µF§
5 V
3.3 V
GND
D +
D –
Upstream
Port
TPS7133†
SN75240†
A
B
5 V
GND
C
D
4.7
µF
0.1
µF
4.7
µF
PG
GND
Ferrite Beads
Ferrite Beads
Ferrite Beads
Ferrite Beads
BUSPWR/SCL
GANGED/SDA
3.3 V
48-MHz Clock
Signal‡



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com