Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2040 Datasheet(PDF) 8 Page - Texas Instruments

Part # TUSB2040
Description  4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2040 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TUSB2040 Datasheet HTML 4Page - Texas Instruments TUSB2040 Datasheet HTML 5Page - Texas Instruments TUSB2040 Datasheet HTML 6Page - Texas Instruments TUSB2040 Datasheet HTML 7Page - Texas Instruments TUSB2040 Datasheet HTML 8Page - Texas Instruments TUSB2040 Datasheet HTML 9Page - Texas Instruments TUSB2040 Datasheet HTML 10Page - Texas Instruments TUSB2040 Datasheet HTML 11Page - Texas Instruments TUSB2040 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
TUSB2040A
4-PORT HUB FOR THE UNIVERSAL SERIAL BUS
WITH OPTIONAL SERIAL EEPROM INTERFACE
SLLS288B – FEBRUARY 1998 – REVISED MARCH 1998
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
A major advantage of USB is the ability to connect 127 functions configured in up to six logical layers (tiers) to
a single personal computer (see Figure 5).
Figure 5. USB Tiered Configuration Example
PC
With Root Hub
Monitor
With 4-Port Hub (Self-Powered)
Keyboard
With 4-Port Hub
(Bus-Powered)
Printer
With 4-Port Hub
(Self-Powered)
Modem
Telephone
Mouse
Left
Speaker
Right
Speaker
Digital
Scanner
Scanner
Another advantage of USB is that all peripherals are connected using a standardized four wire cable that
provides both communication and power distribution. The three power configurations are bus-powered,
self-powered and high-powered modes. For all three configurations, 100 mA is the maximum current that may
be drawn from the USB 5-V line during power up. For the bus-powered mode, a hub can draw a maximum of
500 mA from the 5-V line of the USB cable. A bus-powered hub must always be connected downstream to a
self-powered hub unless it is the only hub connected to the PC and there are no high-powered functions
connected downstream. In the self-powered mode, the hub is connected to its own power supply and can supply
up to 500 mA to each downstream port. High-powered functions may draw a maximum of 500 mA and may only
be connected downstream to self-powered hubs.
Both bus-powered and self-powered hubs require overcurrent protection for all downstream ports. The two
types of protection are individual port management (individual port basis) or ganged port management (multiple
port basis). Individual port management requires power management devices for each individual downstream
port, but adds robustness to the USB system because, in the event of an overcurrent condition, the USB host
powers down the port that has the condition. The ganged configuration uses fewer power management devices
and thus has lower system costs, but in the event of an overcurrent condition on any of the downstream ports,
all the ganged ports are disabled by the USB host.
Using a combination of the BUSPWR and GANGED inputs, the TUSB2040A supports four modes of power
management: bus-powered hub with either individual port power management, or ganged port power
management and the self-powered hub with either individual port power management, or ganged port power
management. Texas Instruments supplies the complete hub solution because we offer this TUSB2040A, the
TUSB2070 (7–port) and the TUSB2140A (4-port with I2C) hubs along with the power management chips
needed to implement a fully USB Specification 1.0 compliant system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com