Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2040 Datasheet(PDF) 10 Page - Texas Instruments

Part # TUSB2040
Description  4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2040 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TUSB2040 Datasheet HTML 6Page - Texas Instruments TUSB2040 Datasheet HTML 7Page - Texas Instruments TUSB2040 Datasheet HTML 8Page - Texas Instruments TUSB2040 Datasheet HTML 9Page - Texas Instruments TUSB2040 Datasheet HTML 10Page - Texas Instruments TUSB2040 Datasheet HTML 11Page - Texas Instruments TUSB2040 Datasheet HTML 12Page - Texas Instruments TUSB2040 Datasheet HTML 13Page - Texas Instruments TUSB2040 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
TUSB2040A
4-PORT HUB FOR THE UNIVERSAL SERIAL BUS
WITH OPTIONAL SERIAL EEPROM INTERFACE
SLLS288B – FEBRUARY 1998 – REVISED MARCH 1998
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Figure 8. Crystal Tuning Circuit
Y1
XTAL1
2.2 k
Ω
R70
C66
47 pF
C68
1000 pF
XTAL2
L1
5.6
µH
C67
12 pF
NOTE B: This application shows a third harmonic 48-Mhz crystal, P/N HC-18/U 48-MHz, manufactured by US Crystal, Inc. Since the first
harmonic of most crystals is not 48-MHz, a tuning circuit such as this must be used to tune the crystal to the required 48-MHz clock
signal. When tuning the crystal (Y1) for different board implementations, the capacitor (C67) and the resistor (R70) are subject to
change and the other components should remain the same.
programming the EEPROM
An SGS Thompson M93C46 EEPROM or equivalent is used for storing the programmable VID and PID. When
the EEPROM interface is enabled (EXTMEM = 1), the SCL and SDA are internally pulled down (100
µA) inside
the TUSB2040A. However, in low-power suspend mode, the BUSPWR/SCL pin must be externally pulled down
because the internal pulldowns are disabled. The internal pulldowns are also disabled when the EEPROM
interface is disabled (EXTMEM = 0).
The EEPROM is programmed with the three 16-bit locations as shown in Table 1. Connecting pin 6 of the
EEPROM high (ORG = 1) organizes the EEPROM memory into 64
×16 bit words.
Table 1. EEPROM Memory Map
ADDRESS
D15
D14
D13
D12–D8
D7–D0
00000
0
GANGED
BUSPWR
00000
00000000
00001
VID High-byte
VID Low-byte
00010
PID High-byte
PID Low-byte
XXXXXXXX
The D and Q signals of the EEPROM must be tied together using a 1 k
Ω resistor with the common I/O operations
forming a single-wire bus. After system power-on reset, the TUSB2040A performs a one-time access read
operation from the EEPROM if the EXTMEM pin is pulled high and the chip select of the EEPROM is connected
to the system power-on reset. Initially, the SDA pin will be driven by the TUSB2040A to send a start bit (1) which
is followed by the read instruction (10) and the starting-word address (00000). Once the read instruction is
received, the instruction and address are decoded by the EEPROM, which then sends the data to the output
shift register. At this point, the hub stops driving the SDA pin and the EEPROM starts driving. A dummy (0) bit
is then output and the first three 16-bit words in the EEPROM are output with the most significant bit (MSB) first.
The output data changes are triggered by the rising edge of the clock provided by the TUSB2040A on the SCL
pin. The
SGS-Thompson M936C46 EEPROM is recommended because it advances to the next memory
location by automatically incrementing the address internally. Any EEPROM used must have the automatic
internal address advance function. After reading the three words of data from the EEPROM, the TUSB2040A
puts the EEPROM interface into a high-impedance condition (pulled down internally) to allow other logic to share
the EEPROM. The EEPROM read operation is summarized in Figure 9. For more details on EEPROM
operation, refer to
SGS-Thompson Microelectronics M93C46 Serial Microwire Bus EEPROM data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com