Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2040 Datasheet(PDF) 1 Page - Texas Instruments

Part # TUSB2040
Description  4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2040 Datasheet(HTML) 1 Page - Texas Instruments

  TUSB2040 Datasheet HTML 1Page - Texas Instruments TUSB2040 Datasheet HTML 2Page - Texas Instruments TUSB2040 Datasheet HTML 3Page - Texas Instruments TUSB2040 Datasheet HTML 4Page - Texas Instruments TUSB2040 Datasheet HTML 5Page - Texas Instruments TUSB2040 Datasheet HTML 6Page - Texas Instruments TUSB2040 Datasheet HTML 7Page - Texas Instruments TUSB2040 Datasheet HTML 8Page - Texas Instruments TUSB2040 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TUSB2040A
4-PORT HUB FOR THE UNIVERSAL SERIAL BUS
WITH OPTIONAL SERIAL EEPROM INTERFACE
SLLS288B – FEBRUARY 1998 – REVISED MARCH 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Universal Serial Bus (USB) Version 1.0
Compliant
D Integrated USB Transceivers
D Four Downstream Ports
D Two Power Source Modes
–
Self-Powered Mode
–
Bus-Powered Mode
D Power Switching and Overcurrent
Reporting is Provided Ganged or Per Port
D All Downstream Ports Support Full-Speed
and Low-Speed Operations
D Supports Suspend and Resume Operations
D Pin-to-Pin Compatible with the TUSB2040
Device when EXTMEM Pin is Low
D Supports Programmable Vendor ID and
Product ID With External Serial EEPROM
D Tri-State EEPROM Interface Allows
EEPROM Sharing
D Available in 28-Pin DIP and 48-Pin TQFP
Packages
D 3.3-V Operation
description
The TUSB2040A hub is a 3.3-V CMOS device
that provides up to four downstream ports in
compliance with the USB specification 1.0
version. Pin 21 (EXTMEM) enables or disables
the EEPROM interface. When EXTMEM is low,
the TUSB2040A is functionally equivalent to the
TUSB2040 hub and the product ID (PID)
displayed during enumeration is General Purpose
USB Hub. For this configuration, pins 9 and 10 are
the
BUSPWR
and
GANGED
input
pins,
respectively.
If programmable vendor ID(VID) and product
ID(PID) descriptors are desired, pin 21 must be
high (EXTMEM = 1) and a SGS Thompson
M93C46 or equivalent EEPROM must be
connected to pins 9 and 10. For this configuration,
the values for BUSPWR and GANGED are stored
in the EEPROM and pins 9 and 10 become the
EEPROM interface.
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
OVRCUR2
PWRON1
OVRCUR1
DP0
DM0
GND
DP1
DM1
BUSPWR/SCL
GANGED/SDA
DP2
DM2
VCC
DP3
PWRON2
VCC
OVRCUR3
PWRON3
GND
XTAL1
XTAL2
EXTMEM
PWRON4
OVRCUR4
RESET
DM4
DP4
DM3
N PACKAGE
(TOP VIEW)
GND
XTAL1
XTAL2
NC
EXTMEM
NC
NC
PWRON4
NC
OVRCUR4
NC
RESET
36
35
34
33
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
9
10
11
12
DP0
DM0
GND
NC
NC
DP1
DM1
NC
NC
BUSPWR/SCL
GANGED/SDA
PT PACKAGE
(TOP VIEW)
NC
† JEDEC descriptor S–PQFP–G for thin quad flatpack (TQFP)


Similar Part No. - TUSB2040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB2043 TI-TUSB2043 Datasheet
228Kb / 16P
4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2043VF TI-TUSB2043VF Datasheet
228Kb / 16P
4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046 TI-TUSB2046 Datasheet
230Kb / 16P
4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046A TI-TUSB2046A Datasheet
232Kb / 16P
4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046AVF TI-TUSB2046AVF Datasheet
232Kb / 16P
4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
More results

Similar Description - TUSB2040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB2043 TI-TUSB2043 Datasheet
228Kb / 16P
4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046 TI-TUSB2046 Datasheet
230Kb / 16P
4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046A TI-TUSB2046A Datasheet
232Kb / 16P
4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046B TI-TUSB2046B Datasheet
323Kb / 21P
4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2077A TI-TUSB2077A Datasheet
242Kb / 16P
7-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046B-Q1 TI1-TUSB2046B-Q1 Datasheet
997Kb / 22P
4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2036 TI1-TUSB2036_12 Datasheet
662Kb / 20P
2/3-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046BIVFRG4 TI-TUSB2046BIVFRG4 Datasheet
1Mb / 25P
4-PORT HUB FOR THE UNIVERSAL SERIAL BUSWITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2077A TI1-TUSB2077A_17 Datasheet
975Kb / 26P
7-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
TUSB2046B TI1-TUSB2046B_17 Datasheet
1Mb / 29P
4-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com