Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB41BA3DIPFP Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3DIPFP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3DIPFP Datasheet(HTML) 48 Page - Texas Instruments

Back Button TSB41BA3DIPFP Datasheet HTML 44Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 45Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 46Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 47Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 48Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 49Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 50Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 51Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 59 page
background image
Status Transfer
D[0:7]
XX
ST
XX
CTL[0:1]
XX
01
XX
Status Bits
TSB41BA3D
SLLS959A – DECEMBER 2008 – REVISED MARCH 2009 ............................................................................................................................................... www.ti.com
To send an acknowledge packet, the LLC must issue an immediate bus request (Immed_Req) during the
reception of the packet addressed to it. This is required in order to minimize the idle gap between the end of the
received packet and the start of the transmitted acknowledge packet. As soon as the received packet ends, the
PHY immediately grants control of the bus to the LLC. The LLC sends an acknowledgment to the sender unless
the header CRC of the received packet is corrupted. In this case, the LLC does not transmit an acknowledge, but
instead cancels the transmit operation and releases the interface immediately; the LLC must not use this grant to
send another type of packet. After the interface is released the LLC can proceed with another request.
For write register requests, the PHY loads the specified data into the addressed register as soon as the request
transfer is complete. For read register requests, the PHY returns the contents of the addressed register to the
LLC at the next opportunity through a PHY status transfer. A write or read register request can be made at any
time, including while a bus request is pending. Once a read register request is made, the PHY ignores further
read register requests until the register contents are successfully transferred to the LLC. A bus reset does not
clear a pending read register request.
A status transfer is initiated by the PHY when status information is to be transferred to the LLC. Two types of
status transfers can occur: bus status transfer and PHY status transfer. Bus status transfers send the following
status information: bus reset indications, subaction and arbitration reset gap indications, cycle start indications,
and PHY interface reset indications. PHY status transfers send the following information: PHY interrupt
indications, unsolicited and solicited PHY register data, bus initialization indications, and PHY-link interface error
indications. The PHY uses a different mechanism to send the bus status transfer and the PHY status transfer.
Bus status transfers use the CTL0–CTL1 and D0–D7 terminals to transfer status information. Bus status
transfers can occur during idle periods on the PHY-link interface or during packet reception. When the status
transfer occurs, a single PCLK cycle of status information is sent to the LLC. The information is sent such that
each individual Dn terminal conveys a different bus status transfer event. During any bus status transfer, only
one status bit is set. If the PHY-link interface is inactive, then the status information is not sent. When a bus reset
on the serial bus occurs, the PHY sends a bus reset indication (via the CTLn and Dn terminals), cancels all
packet transfer requests, sets asynchronous and isochronous phases to even, forwards self-ID packets to the
link, and sends an unsolicited PHY register 0 status transfer (via the PINT terminal) to the LLC. In the case of a
PHY interface reset operation, the PHY-link interface is reset on the following PCLK cycle.
Table 35 shows the definition of the bits during the bus status transfer and Figure 24 shows the timing.
Table 35. Status Bits
STATUS BIT
DESCRIPTION
D0
Bus reset
D1
Arbitration reset gap—odd
D2
Arbitration reset gap—even
D3
Cycle start—odd
D4
Cycle start—even
D5
Subaction gap
D6
PHY interface reset
D7
Reserved
Figure 24. Bus Status Transfer Timing
48
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TSB41BA3D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com