Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB41BA3DIPFP Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3DIPFP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3DIPFP Datasheet(HTML) 16 Page - Texas Instruments

Back Button TSB41BA3DIPFP Datasheet HTML 12Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 13Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 14Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 15Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 16Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 17Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 18Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 19Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 59 page
background image
ELECTRICAL CHARACTERISTICS
Driver
Receiver
Device
TSB41BA3D
SLLS959A – DECEMBER 2008 – REVISED MARCH 2009 ............................................................................................................................................... www.ti.com
over recommended ranges of operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VOD
1394a differential output voltage
56
Ω, See Figure 1
172
265
mV
VOD
1394b differential output voltage
300
700
800
mV
Driver difference current,
IDIFF
Drivers enabled, speed signaling off
–1.05(1)
1.05(1)
mA
TPA+, TPA–, TPB+, TPB–
Common-mode speed signaling current,
ISP200
S200 speed signaling enabled
–4.84(2)
–2.53(2)
mA
TPB+, TPB–
Common-mode speed signaling current,
ISP400
S400 speed signaling enabled
–12.4(2)
–8.1(2)
mA
TPB+, TPB–
VOFF
Off-state differential voltage
Drivers disabled, See Figure 1
20
mV
(1)
Limits defined as algebraic sum of TPA+ and TPA– driver currents. Limits also apply to TPB+ and TPB– algebraic sum of driver
currents.
(2)
Limits defined as absolute limit of each TPB+ and TPB– driver currents.
over recommended ranges of operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
4
7
k
Ω
ZID
Differential impedance
Drivers disabled
4
pF
20
k
Ω
ZIC
Common-mode impedance
Drivers disabled
24
pF
VTH-R
Receiver input threshold voltage
Drivers disabled
–30
30
mV
VTH-CB
Cable bias detect threshold, TPBx cable inputs
Drivers disabled
0.6
1
V
VTH+
Positive arbitration comparator threshold voltage
Drivers disabled
89
168
mV
VTH–
Negative arbitration comparator threshold voltage
Drivers disabled
–168
–89
mV
VTH-SP200
Speed signal threshold
49
131
mV
TPBIAS–TPA common-mode
voltage, drivers disabled
VTH-SP400
Speed signal threshold
314
396
mV
over recommended ranges of operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
IDD
Supply current 3.3 VDD
(1)
110
150
mA
VTH
Power status threshold, CPS input(2)
400-k
Ω resistor(2)
4.7
7.5
V
High-level output voltage, CTL0, CTL1, D0–D7,
VOH
VDD = 3 to 3.6 V, IOH = –4 mA
2.8
V
PCLK, S5_LKON outputs
Low-level output voltage, CTL0, CTL1, D0–D7,
VOL
IOL = 4 mA
0.4
V
PCLK, S5_LKON outputs
Positive peak bus holder current, D0–D7,
IBH+
VDD = 3.6 V, VI = 0 V to VDD
0.05
1
mA
CTL0–CTL1, LREQ
Negative peak bus holder current, D0–D7,
IBH–
VDD = 3.6 V, VI = 0 V to VDD
–1.0
–0.05
mA
CTL0–CTL1, LREQ
TSB41BA3D
±5
Off-state output current, CTL0, CTL1, D0–D7,
IOZ
VO = VDD or 0 V
µA
S5_LKON I/Os
TSB41BA3DI
±20
IIRST
Pullup current, RESET input
VI = 1.5 V or 0 V
–90
–20
µA
VO
TPBIAS output voltage
At rated IO current
1.665
2.015
V
(1)
Repeat max packet (one port receiving maximum size isochronous packet–4096 bytes, sent on every isochronous interval, data value of
0x00FF 00FFh; two ports repeating; all ports with S400 Beta-mode connection), VDD3.3 = 3.3 V, internal regulator, TA = 25°C
(2)
Measured at cable-power side of resistor
16
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TSB41BA3D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com