Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB41BA3DIPFP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3DIPFP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3DIPFP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TSB41BA3DIPFP Datasheet HTML 4Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 5Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 6Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 7Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 8Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 9Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 10Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 11Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
TSB41BA3D
SLLS959A – DECEMBER 2008 – REVISED MARCH 2009 ............................................................................................................................................... www.ti.com
Table 1. Terminal Functions (continued)
TERMINAL
I/O
DESCRIPTION
PFP
NAME
TYPE
NO.
LCLK_PMC
CMOS
7
I
Link clock. Link-provided 98.304-MHz clock signal to synchronize data transfers from link to
the PHY. On hardware reset, this terminal is sampled to determine the power management
control (PMC) mode.
LCLK_PMC
LPS
BMODE
Mode
H
L
H
No LLC (PMC mode)
n/c(1)
lps
L
Legacy LLC
LCLK_PMC(2)
lps
H
Beta LLC
In PMC mode, because no LLC is attached, the data lines (D7–D0) are available to indicate
power states. In PMC mode, the following signals are output:
•
D0—port 0 cable-power disable (see Note)
•
D1—port 1 cable-power disable (port in sleep or disabled)
•
D2—port 2 cable-power disable (port in sleep or disabled)
•
D6—All ports cable-power disable (all ports in sleep/disable) logical AND of bits D0–D2
•
D3–D5 and D7 are reserved for future use.
NOTE: The cable-power disable is asserted when the port is either:
•
Hard-disabled (both the disabled and hard-disabled bits are set)
•
Sleep-disabled (both the disabled and sleep_enable bits are set)
•
Disconnected
•
Asleep
•
Connected in DS mode, but nonactive (that is, suspended or disabled)
Otherwise, the cable-power disable output is deasserted (that is, cable power is enabled)
when the port is dc-connected or active. A bus holder is built into this terminal.
LPS
CMOS
80
I
Link power status input. This terminal monitors the active/power status of the link-layer
controller (LLC) and controls the state of the PHY-LLC interface. This terminal must be
connected to either the VDD supplying the LLC through an approximately 1-kΩ resistor or to
a pulsed output which is active when the LLC is powered. A pulsed signal must be used
when an isolation barrier exists between the LLC and PHY (see Figure 8).
The LPS input is considered inactive if it is sampled low by the PHY for more than an
LPS_RESET time (~2.6
µs), and is considered active otherwise (that is, asserted steady
high or an oscillating signal with a low time less than 2.6
µs). The LPS input must be high
for at least 22 ns to be observed as high by the PHY.
When the TSB41BA3D detects that the LPS input is inactive, it places the PHY-LLC
interface into a low-power reset state. In the reset state, the CTL (CTL0 and CTL1) and D
(D0 to D7) outputs are held in the logic 0 state and the LREQ input is ignored; however, the
PCLK output remains active. If the LPS input remains low for more than an LPS_DISABLE
time (~26
µs), then the PHY-LLC interface is put into a low-power disabled state in which
the PCLK output is also held inactive.
The LLC state that is communicated in the self-ID packet is considered active only if both
the LPS input is active and the LCtrl register bit is set to 1. The LLC state that is
communicated in the self-ID packet is considered inactive if either the LPS input is inactive
or the LCtrl register bit is cleared to 0.
LREQ
CMOS
3
I
LLC request input. The LLC uses this input to initiate a service request to the TSB41BA3D.
A bus holder is built into this terminal.
PCLK
CMOS
5
O
PHY clock. Provides a 98.304-MHz clock signal, synchronized with data transfers, to the
LLC when the PHY-link interface is operating in the 1394b mode (BMODE asserted). PCLK
output provides a 49.152-MHz clock signal, synchronized with data transfers, to the LLC
when the PHY-link interface is in legacy 1394a-2000 (BMODE input deasserted).
PD
CMOS
77
I
Power-down input. A high on this terminal turns off all internal circuitry. Asserting the PD
input high also activates an internal pulldown on the RESET terminal to force a reset of the
internal control logic.
PINT
CMOS
1
O
PHY interrupt. The PHY uses this output to serially transfer status and interrupt information
to the link when PHY-link interface is in the 1394b mode. A bus holder is built into this
terminal.
(1)
Internal pulldown on LCLK_PMC
(2)
LCLK_PMC from LLC normally low during reset
8
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TSB41BA3D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com