Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB41BA3DIPFP Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3DIPFP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3DIPFP Datasheet(HTML) 15 Page - Texas Instruments

Back Button TSB41BA3DIPFP Datasheet HTML 11Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 12Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 13Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 14Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 15Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 16Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 17Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 18Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 59 page
background image
RECOMMENDED OPERATING CONDITIONS
TSB41BA3D
www.ti.com ............................................................................................................................................... SLLS959A – DECEMBER 2008 – REVISED MARCH 2009
MIN
TYP(1)
MAX
UNIT
Source power node
3
3.3
3.6
Supply voltage, 3.3 VDD
V
Nonsource power node
3(2)
3.3
3.6
TSB41BA3D
1.7
1.85
2
Supply voltage, 1.8 VDD
V
TSB41BA3DI
1.75
1.85
2
LREQ, CTL0, CTL1, D0–D7, LCLK_PMC
2.6
S5_LKON, S4, S3, S2_PC0, S1_PC1, S0_PC2,
High-level input voltage, VIH
SLPEN, PD, BMODE, TPBIAS0_SD0, TPBIAS1_SD1,
0.7 VDD
V
TPBIAS2_SD2
RESET
0.6 VDD
LREQ, CTL0, CTL1, D0–D7, LCLK_PMC
1.2
S5_LKON, S4, S3, S2_PC0, S1_PC1, S0_PC2,
Low-level input voltage, VIL
SLPEN, PD, BMODE, TPBIAS0_SD0, TPBIAS1_SD1,
0.2 VDD
V
TPBIAS2_SD2
RESET
0.3 VDD
Output current, IOL/OH
CTL0, CTL1, D0–D7, S5_LKON, PINT, PCLK
–4
4
mA
Output current, IO
TPBIAS outputs
–5.6
1.3
mA
RθJA = 19°C/W, TA = 70°C
84.1
RθJA = 31.5°C/W, TA = 70°C
93.3
Maximum junction temperature, TJ
RθJA = 49.2°C/W, TA = 70°C
106.4
(see RθJA values listed in thermal
°C
RθJA = 19°C/W, TA = 85°C
99.1
characteristics table)
RθJA = 31.5°C/W, TA = 85°C
108.4
RθJA = 49.2°C/W, TA = 85°C
121.5
1394b Differential input voltage, VID
Cable inputs, during data reception
200
800
mV
Cable inputs, during data reception
118
260
1394a Differential input voltage, VID
mV
Cable inputs, during arbitration
168
265
TPB cable inputs, source power node
0.4706
2.515
1394a Common-mode input voltage,
V
VIC
TPB cable inputs, nonsource power node
0.4706
2.015(2)
Power-up reset time, tpu
RESET input
2(3)
ms
TPA, TPB cable inputs, S100 operation
±1.08
1394a receive input jitter
TPA, TPB cable inputs, S200 operation
0.5
ns
TPA, TPB cable inputs, S400 operation
±0.315
Between TPA and TPB cable inputs, S100 operation
±0.8
1394a receive input skew
Between TPA and TPB cable inputs, S200 operation
±0.55
ns
Between TPA and TPB cable inputs, S400 operation
±0.5
(1)
All typical values are at VDD = 3.3 V and TA = 25°C.
(2)
For a node that does not source power, see Section 4.2.2.2 in IEEE 1394a-2000.
(3)
Time after valid clock received at PHY XI input terminal.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): TSB41BA3D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com