Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB41BA3DIPFP Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3DIPFP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3DIPFP Datasheet(HTML) 51 Page - Texas Instruments

Back Button TSB41BA3DIPFP Datasheet HTML 47Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 48Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 49Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 50Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 51Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 52Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 53Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 54Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 59 page
background image
00
00
10
XX
(a)
(b)
(c)
FF (data-on)
D0–D7
CTL0, CTL1
PCLK
Transmit
TSB41BA3D
www.ti.com ............................................................................................................................................... SLLS959A – DECEMBER 2008 – REVISED MARCH 2009
d. Receive data. Following the data-on indication (if any) and the speed code, the PHY asserts packet data on
the D lines with receive on the CTL lines for the remainder of the receive operation.
e. Receive operation terminated. The PHY terminates the receive operation by asserting idle on the CTL lines.
The PHY asserts at least one idle cycle following a receive operation.
Figure 28. Null Packet Reception Timing
The sequence of events for a null packet reception is as follows:
a. Receive operation initiated. The PHY indicates a receive operation by asserting receive on the CTL lines.
Normally, the interface is idle when receive is asserted. However, the receive operation can interrupt a status
transfer operation that is in progress so that the CTL lines can change from status to receive without an
intervening idle.
b. Data-on indication. The PHY asserts the data-on indication code on the D lines for one or more cycles.
c. Receive operation terminated. The PHY terminates the receive operation by asserting idle on the CTL lines.
The PHY asserts at least one idle cycle following a receive operation.
Table 38. Receive Speed Codes and Format
D0–D7(1)
DATA RATE AND FORMAT
0000 0000
S100 legacy
0000 0001
S100 Beta
0000 0100
S200 legacy
0000 0101
S200 Beta
0000 1000
S400 legacy
0000 1001
S400 Beta
0000 1101
S800 Beta
1111 1111
Data-on indication
All others
Reserved
(1)
Y = Output as 1 by PHY, ignored by LLC.
X = Output as 0 by PHY, ignored by LLC.
When the LLC issues a bus request through the LREQ terminal, the PHY arbitrates to gain control of the bus. If
the PHY wins arbitration for the serial bus, then the PHY-LLC interface bus is granted to the LLC by asserting
the grant state (11b) on the CTL terminals and the grant type on the D terminals for one PCLK cycle, followed by
idle for one clock cycle. The LLC then takes control of the bus by asserting either idle (00b), hold (11b), or
transmit (01b) on the CTL terminals. If the PHY does not detect a hold or transmit state within eight PCLK cycles,
then the PHY takes control of the PHY-link interface. The hold state is used by the LLC to retain control of the
bus while it prepares data for transmission. The LLC can assert hold for zero or more clock cycles (that is, the
LLC need not assert hold before transmit). During the hold state, the LLC is expected to drive the D lines to 0.
The PHY asserts data-prefix on the serial bus during this time.
When the LLC is ready to send data, the LLC asserts transmit on the CTL terminals as well as sending the first
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
51
Product Folder Link(s): TSB41BA3D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com