Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8534AU/DA/1 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCF8534AU/DA/1
Description  Universal LCD driver for low multiplex rates
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8534AU/DA/1 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCF8534AU/DA/1 Datasheet HTML 12Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 13Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 14Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 15Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 16Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 17Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 18Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 19Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
PCF8534A_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 6 August 2009
16 of 47
NXP Semiconductors
PCF8534A
Universal LCD driver for low multiplex rates
7.5 Oscillator
The internal logic and the LCD drive signals of the PCF8534A are timed by the frequency
fclk, which equals either the built-in oscillator frequency fosc or the external clock frequency
fclk(ext). The clock frequency fclk determines the LCD frame frequency (ffr).
7.5.1 Internal clock
The internal oscillator is enabled by connecting pin OSC to pin VSS. In this case, the
output from pin CLK is the clock signal for any cascaded PCF8534A in the system. After
power-on, SDA must be HIGH to guarantee that the clock starts.
7.5.2 External clock
Connecting pin OSC to VDD enables an external clock source. Pin CLK becomes the
external clock input. A clock signal must always be applied to the device, removing the
clock can freeze the LCD in a DC state.
7.6 Timing
The timing of the PCF8534A organizes the internal data flow of the device. This includes
the transfer of display data from the display RAM to the display segment outputs. In
cascaded applications, the synchronization signal (SYNC) maintains the correct timing
relationship between all the PCF8534As in the system. The timing also generates the
LCD frame frequency which is derived as an integer division of the clock frequency
(see Table 6). The frame frequency is a fixed division of the internal clock or of the
frequency applied to pad CLK when an external clock is used.
7.7 Display register
The display register holds the display data while the corresponding multiplex signals are
generated. There is a one-to-one relationship between the data in the display register, the
LCD segment outputs and one column of the display RAM.
7.8 Segment outputs
The LCD drive section includes 60 segment outputs (S0 to S59) which must be connected
directly to the LCD. The segment output signals are generated based on the multiplexed
backplane signals and with data resident in the display register. When less than
60 segment outputs are required the unused segment outputs must be left open-circuit.
Table 6.
LCD frame frequencies
Frame frequency
Nominal frame frequency (Hz)
64
f
fr
f
clk
24
---------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com