Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8534AU/DA/1 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # PCF8534AU/DA/1
Description  Universal LCD driver for low multiplex rates
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8534AU/DA/1 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button PCF8534AU/DA/1 Datasheet HTML 29Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 30Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 31Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 32Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 33Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 34Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 35Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 36Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
PCF8534A_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 6 August 2009
33 of 47
NXP Semiconductors
PCF8534A
Universal LCD driver for low multiplex rates
13. Application information
13.1 Cascaded operation
Large display configurations of up to 16 PCF8534As can be recognized on the same
I2C-bus by using the 3-bit hardware subaddress (A0, A1 and A2) and the programmable
I2C-bus slave address (SA0).
If cascaded PCF8534As are synchronized, they can share the backplane signals from
one of the devices in the cascade. This is cost-effective in large LCD applications because
the backplane outputs of only one device need to be through-plated to the backplane
electrodes of the display. The other PCF8534As in the cascade contribute additional
segment outputs but their backplane outputs are left open-circuit (see Figure 22).
Table 18.
Addressing cascaded PCF8534A
Cluster
Bit SA0
Pin A2
Pin A1
Pin A0
Device
100000
0011
0102
0113
1004
1015
1106
1117
210008
0019
01010
01111
10012
10113
11014
11115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com