Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8534AU/DA/1 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCF8534AU/DA/1
Description  Universal LCD driver for low multiplex rates
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8534AU/DA/1 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCF8534AU/DA/1 Datasheet HTML 13Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 14Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 15Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 16Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 17Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 18Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 19Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 20Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
PCF8534A_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 6 August 2009
17 of 47
NXP Semiconductors
PCF8534A
Universal LCD driver for low multiplex rates
7.9 Backplane outputs
The LCD drive section includes four backplane outputs: BP0 to BP3. The backplane
output signals are generated based on the selected LCD drive mode.
• In 1:4 multiplex drive mode: BP0 to BP3 must be connected directly to the LCD.
If less than four backplane outputs are required the unused outputs can be left as an
open-circuit.
• In 1:3 multiplex drive mode: BP3 carries the same signal as BP1, therefore these two
adjacent outputs can be tied together to give enhanced drive capabilities.
• In 1:2 multiplex drive mode: BP0 and BP2, BP1 and BP3 respectively carry the same
signals and can also be paired to increase the drive capabilities.
• In static drive mode: the same signal is carried by all four backplane outputs and they
can be connected in parallel for very high drive requirements.
7.10 Display RAM
The display RAM is a static 60
× 4-bit RAM which stores LCD data. Logic 1 in the RAM bit
map indicates the on-state of the corresponding LCD segment, logic 0 indicates the
off-state. There is a direct relationship between RAM addresses and the segment outputs
and the individual bits of a RAM word and the backplane outputs. The first RAM row
corresponds to the 60 segments operated with respect to backplane BP0 (see Figure 11).
In multiplexed LCD applications, the segment data of rows 1 to 4 of the display RAM are
time-multiplexed with BP0, BP1, BP2 and BP3, respectively.
When display data is transmitted to the PCF8534A, the display bytes received are stored
in the display RAM based on the selected LCD drive mode. Data is stored as it arrives and
does not wait for the acknowledge cycle. Depending on the current multiplex mode data is
stored singularly, in pairs, triplets or quadruplets. An example of a 7-segment numeric
display illustrating the storage order for all drive modes is shown in Figure 12. The RAM
storage organization applies equally to other LCD types.
Display RAM bit map showing the direct relationship between backplane outputs, display RAM
addresses and segment outputs and between bits in a RAM word and backplane outputs.
Fig 11. Display RAM bit map
0
0
1
2
3
1
2
3
4
55
56
57
58
59
display RAM addresses (columns)/segment outputs (S)
display RAM bits
(rows)/
backplane outputs
(BP)
001aah617



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com