Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8534AU/DA/1 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # PCF8534AU/DA/1
Description  Universal LCD driver for low multiplex rates
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8534AU/DA/1 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button PCF8534AU/DA/1 Datasheet HTML 16Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 17Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 18Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 19Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 20Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 21Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 22Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 23Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
PCF8534A_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 6 August 2009
20 of 47
NXP Semiconductors
PCF8534A
Universal LCD driver for low multiplex rates
7.12 Subaddress counter
The storage of display data is conditioned by the contents of the subaddress counter.
Storage is allowed only when the contents of the subaddress counter agree with the
hardware subaddress applied to A0, A1 and A2. The subaddress counter value is defined
by the device select command (see Table 12). If the contents of the subaddress counter
and the hardware subaddress do not agree then data storage is blocked but the data
pointer will be incremented as if data storage had taken place.
In cascaded applications each PCF8534A in the cascade must be addressed separately.
Initially, the first PCF8534A is selected by sending the device select command matching
the first device's hardware subaddress. Then the data pointer is set to the preferred
display RAM address by sending the load data pointer command.
Once the display RAM of the first PCF8534A has been written, the second PCF8534A is
selected by sending the device select command again. This time however the command
matches the second device's hardware subaddress. Next the load data pointer command
is sent to select the preferred display RAM address of the second PCF8534A.
This last step is very important because during writing data to the first PCF8534A, the
data pointer of the second PCF8534A is incremented. In addition, the hardware
subaddress should not be changed whilst the device is being accessed on the I2C-bus
interface.
7.13 Output bank selector
The output bank selector (see Table 13), selects one of the four bits per display RAM
address for transfer to the display register. The actual bit selected depends on the LCD
drive mode in operation and on the instant in the multiplex sequence.
• In 1:4 multiplex mode: all RAM addresses of bit 0 are selected, followed sequentially
by the contents of bit 1, bit 2 and then bit 3.
• In 1:3 multiplex mode: bits 0, 1 and 2 are selected sequentially.
• In 1:2 multiplex mode: bits 0 and 1 are selected.
• In the static mode: bit 0 is selected.
The SYNC signal resets these sequences to the following starting points: bit 3 for
1:4 multiplex, bit 2 for 1:3 multiplex, bit 1 for 1:2 multiplex and bit 0 for static mode.
The PCF8534A includes a RAM bank switching feature in the static and 1:2 multiplex
drive modes. In static drive mode, the bank select command may request the contents of
bit 2 to be selected for display instead of the contents of bit 0. In 1:2 multiplex drive mode,
the contents of bits 2 and 3 may be selected instead of bits 0 and 1. This enables
preparation of display information in an alternative bank and the ability to switch to it once
it has been assembled.
7.14 Input bank selector
The input bank selector loads display data into the display RAM in accordance with the
selected LCD drive configuration. Display data can be loaded in bit 2 in static drive mode
or in bits 2 and 3 in 1:2 multiplex drive mode by using the bank-select command. The
input bank selector functions independently to the output bank selector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com