Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8534AU/DA/1 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # PCF8534AU/DA/1
Description  Universal LCD driver for low multiplex rates
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8534AU/DA/1 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button PCF8534AU/DA/1 Datasheet HTML 23Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 24Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 25Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 26Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 27Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 28Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 29Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 30Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
PCF8534A_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 6 August 2009
27 of 47
NXP Semiconductors
PCF8534A
Universal LCD driver for low multiplex rates
[1]
The bank select command has no effect in 1:3 or 1:4 multiplex drive modes.
[1]
Only normal blinking can be selected in multiplexer 1:3 or 1:4 drive modes.
8.4 Display controller
The display controller executes the commands identified by the command decoder. It
contains the status registers of the PCF8534A and coordinates their effects.
The controller also loads display data into the display RAM as required by the storage
order.
Table 13.
Bank select command bit description
See Section 7.10, Section 7.11, Section 7.12, Section 7.13 and Section 7.14.
Bit
Symbol
Value
Description
Static
1:2 multiplex[1]
7 to 2
-
11 1110
fixed value
1I
input bank selection: storage of arriving display data
0
RAM bit 0
RAM bits 0 and 1
1
RAM bit 2
RAM bits 2 and 3
0O
output bank selection: retrieval of LCD display data
0
RAM bit 0
RAM bits 0 and 1
1
RAM bit 2
RAM bits 2 and 3
Table 14.
Blink select command bit description
See Section 7.15.
Bit
Symbol
Value
Description
7 to 3
-
1 1110
fixed value
2A
blink mode selection
0
normal blinking[1]
1
blinking by alternating display RAM banks
1 to 0
BF[1:0]
blink frequency selection
00
off
01
1
10
2
11
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com