Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6220D301PR Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC6220D301PR
Description  1A LDO Voltage Regulator with ?쏥reenOperation?
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6220D301PR Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC6220D301PR Datasheet HTML 3Page - Torex Semiconductor XC6220D301PR Datasheet HTML 4Page - Torex Semiconductor XC6220D301PR Datasheet HTML 5Page - Torex Semiconductor XC6220D301PR Datasheet HTML 6Page - Torex Semiconductor XC6220D301PR Datasheet HTML 7Page - Torex Semiconductor XC6220D301PR Datasheet HTML 8Page - Torex Semiconductor XC6220D301PR Datasheet HTML 9Page - Torex Semiconductor XC6220D301PR Datasheet HTML 10Page - Torex Semiconductor XC6220D301PR Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
7/30
XC6220
Series
●
Voltage Chart 1
OUTPUT
VOLTAGE 1
(
HS Mode)
(V)
OUTPUT
VOLTAGE 2
(PS Mode)
(V)
DROPOUT
VOLTAGE 1
Vdif 1 (mV)
IOUT=300mA
DROPOUT
VOLTAGE 2
Vdif 2 (mV)
IOUT=1000mA
SUPPLY
CURRENT 1
(XC6220C/D )
(μA)
SUPPLY
CURRENT 2
(XC6220C/D )
(μA)
PS
SWITCH
DELAY
TIME
(μs)
NOMINAL
OUTPUT
VOLTAGE
(V)
VOUT
VOUT
Vdif
Vdif
ISS1
ISS2
tDPS
VOUT(T)
MIN.
MAX.
MIN.
MAX.
TYP.
MAX.
MAX.
MAX.
MAX.
MAX.
0.80
0.7800
0.8200
0.7600
0.8400
112.500
22.500
0.85
0.8300
0.8700
0.8100
0.8900
112.625
22.625
0.90
0.8800
0.9200
0.8600
0.9400
112.750
22.750
0.95
0.9300
0.9700
0.9100
0.9900
400
575
112.875
22.875
1.00
0.9800
1.0200
0.9600
1.0400
113.000
23.000
1.05
1.0300
1.0700
1.0100
1.0900
240
405
113.125
23.125
1.10
1.0800
1.1200
1.0600
1.1400
113.250
23.250
1.15
1.1300
1.1700
1.1100
1.1900
180
305
-
113.375
23.375
1.20
1.1800
1.2200
1.1600
1.2400
113.500
23.500
1.25
1.2300
1.2700
1.2100
1.2900
113.625
23.625
1.30
1.2800
1.3200
1.2600
1.3400
113.750
23.750
1.35
1.3300
1.3700
1.3100
1.3900
113.875
23.875
1.40
1.3800
1.4200
1.3600
1.4400
114.000
24.000
1.45
1.4300
1.4700
1.4200
1.4800
150
215
460
114.125
24.125
1.50
1.4800
1.5200
1.4700
1.5300
114.250
24.250
1.55
1.5300
1.5700
1.5100
1.5900
114.375
24.375
650
1.60
1.5800
1.6200
1.5600
1.6400
114.500
24.500
1.65
1.6300
1.6700
1.6100
1.6900
114.625
24.625
1.70
1.6800
1.7200
1.6600
1.7400
114.750
24.750
1.75
1.7300
1.7700
1.7100
1.7900
100
150
114.875
24.875
1.80
1.7800
1.8200
1.7600
1.8400
115.000
25.000
1.85
1.8300
1.8700
1.8100
1.8900
115.125
25.125
1.90
1.8800
1.9200
1.8600
1.9400
115.250
25.250
1.95
1.9300
1.9700
1.9100
1.9900
115.375
25.375
2.00
1.9800
2.0200
1.9600
2.0400
115.500
25.500
2.05
2.0295
2.0705
2.0090
2.0910
115.625
25.625
2.10
2.0790
2.1210
2.0580
2.1420
115.750
25.750
2.15
2.1285
2.1715
2.1070
2.1930
115.875
25.875
2.20
2.1780
2.2220
2.1560
2.2440
116.000
26.000
2.25
2.2275
2.2725
2.2050
2.2950
116.125
26.125
2.30
2.2770
2.3230
2.2540
2.3460
116.250
26.250
2.35
2.3265
2.3735
2.3030
2.3970
116.375
26.375
2.40
2.3760
2.4240
2.3520
2.4480
116.500
26.500
2.45
2.4255
2.4745
2.4010
2.4990
85
130
116.625
26.625
2.50
2.4750
2.5250
2.4500
2.5500
116.750
26.750
2.55
2.5245
2.5755
2.4990
2.6010
116.875
26.875
850
2.60
2.5740
2.6260
2.5480
2.6520
117.000
27.000
2.65
2.6235
2.6765
2.5970
2.7030
117.125
27.125
2.70
2.6730
2.7270
2.6460
2.7540
117.250
27.250
2.75
2.7225
2.7775
2.6950
2.8050
117.375
27.375
2.80
2.7720
2.8280
2.7440
2.8560
117.500
27.500
2.85
2.8215
2.8785
2.7930
2.9070
117.625
27.625
2.90
2.8710
2.9290
2.8420
2.9580
117.750
27.750
2.95
2.9205
2.9795
2.8910
3.0090
65
110
655
117.875
27.875
1200
■
ELECTRICAL CHARACTERISTICS (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com