Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6220D301PR Datasheet(PDF) 20 Page - Torex Semiconductor

Part # XC6220D301PR
Description  1A LDO Voltage Regulator with ?쏥reenOperation?
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6220D301PR Datasheet(HTML) 20 Page - Torex Semiconductor

Back Button XC6220D301PR Datasheet HTML 16Page - Torex Semiconductor XC6220D301PR Datasheet HTML 17Page - Torex Semiconductor XC6220D301PR Datasheet HTML 18Page - Torex Semiconductor XC6220D301PR Datasheet HTML 19Page - Torex Semiconductor XC6220D301PR Datasheet HTML 20Page - Torex Semiconductor XC6220D301PR Datasheet HTML 21Page - Torex Semiconductor XC6220D301PR Datasheet HTML 22Page - Torex Semiconductor XC6220D301PR Datasheet HTML 23Page - Torex Semiconductor XC6220D301PR Datasheet HTML 24Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
20/30
XC6220 Series
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(11) Input Rise Characteristics
CE=V
IN, Tr=5μs, IOUT=0.1mA
Topr=25℃, C
L=4.7μF (ceramic)
XC6220x 301
0V
4.0V
200μs/div
CH1:2V/div CH2:2V/div
Input Voltage
Output Voltage
CH1
CH2
CE=V
IN, Tr=5μs, IOUT=300mA
Topr=25℃, C
L=4.7μF (ceramic)
XC6220x 301
200μs/div
CH1:2V/div CH2:2V/div
0V
4.0V
Output Voltage
Input Voltage
CH1
CH2
CE=V
IN, Tr=5μs, IOUT=300mA
Topr=25℃, C
L=22μF (ceramic)
XC6220x 501
0V
6.0V
200μs/div
CH1:2V/div CH2:2V/div
Input Voltage
Output Voltage
CH1
CH2
CE=V
IN, Tr=5μs, IOUT=0.1mA
Topr=25℃, C
L=22μF (ceramic)
XC6220x 501
0V
6.0V
200μs/div
CH1:2V/div CH2:2V/div
Input Voltage
Output Voltage
CH1
CH2
(12) CE Rise Characteristics
V
IN=2.2V, Tr=5μs, IOUT=0.1mA
Topr=25℃, C
IN=CL=22μF (ceramic)
XC6220x 121
100μs/div
CH1:500mV/div CH2:500mV/div
CE Voltage
Output Voltage
CH1
CH2
V
IN=2.2V, Tr=5μs, IOUT=300mA
Topr=25℃, C
IN=CL=22μF (ceramic)
XC6220x 121
100μs/div
CH1:500mV/div CH2:500mV/div
CE Voltage
Output Voltage
CH1
CH2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com