Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6220D301PR Datasheet(PDF) 29 Page - Torex Semiconductor

Part # XC6220D301PR
Description  1A LDO Voltage Regulator with ?쏥reenOperation?
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6220D301PR Datasheet(HTML) 29 Page - Torex Semiconductor

Back Button XC6220D301PR Datasheet HTML 22Page - Torex Semiconductor XC6220D301PR Datasheet HTML 23Page - Torex Semiconductor XC6220D301PR Datasheet HTML 24Page - Torex Semiconductor XC6220D301PR Datasheet HTML 25Page - Torex Semiconductor XC6220D301PR Datasheet HTML 26Page - Torex Semiconductor XC6220D301PR Datasheet HTML 27Page - Torex Semiconductor XC6220D301PR Datasheet HTML 28Page - Torex Semiconductor XC6220D301PR Datasheet HTML 29Page - Torex Semiconductor XC6220D301PR Datasheet HTML 30Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
29/30
XC6220
Series
MARK
PRODUCT SERIES
H
XC6220******
MARK
CE
OUTPUT VOLTAGE
RANGE
OUTPUT VOLTAGE
ACCURACY
PRODUCT SERIES
0
A
0.8~2.9
1
XC6220A081** ~
XC6220A291**
1
A
0.8~2.9
B
XC6220A08B** ~
XC6220A29B**
2
A
3.0~5.0
1
XC6220A301** ~
XC6220A501**
3
A
3.0~4.9
B
XC6220A30B** ~
XC6220A49B**
4
B
0.8~2.9
1
XC6220B081** ~
XC6220B291**
5
B
0.8~2.9
B
XC6220B08B** ~
XC6220B29B**
6
B
3.0~5.0
1
XC6220B301** ~
XC6220B501**
7
B
3.0~4.9
B
XC6220B30B** ~
XC6220B49B**
8
C
0.8~2.9
1
XC6220C081** ~
XC6220C291**
9
C
0.8~2.9
B
XC6220C08B** ~
XC6220C29B**
A
C
3.0~5.0
1
XC6220C301** ~
XC6220C501**
B
C
3.0~4.9
B
XC6220C30B** ~
XC6220C49B**
C
D
0.8~2.9
1
XC6220D081** ~
XC6220D291**
D
D
0.8~2.9
B
XC6220D08B** ~
XC6220D29B**
E
D
3.0~5.0
1
XC6220D301** ~
XC6220D501**
F
D
3.0~4.9
B
XC6220D30B** ~
XC6220D49B**
MARK
OUTPUT
VOLTAGE (V)
MARK
OUTPUT
VOLTAGE (V)
MARK
OUTPUT
VOLTAGE (V)
0
-
3.0x
A
1.0x
4.0x
N
2.0x
5.0x
1
-
3.1x
B
1.1x
4.1x
P
2.1x
-
2
-
3.2x
C
1.2x
4.2x
R
2.2x
-
3
-
3.3x
D
1.3x
4.3x
S
2.3x
-
4
-
3.4x
E
1.4x
4.4x
T
2.4x
-
5
-
3.5x
F
1.5x
4.5x
U
2.5x
-
6
-
3.6x
H
1.6x
4.6x
V
2.6x
-
7
-
3.7x
K
1.7x
4.7x
X
2.7x
-
8
0.8x
3.8x
L
1.8x
4.8x
Y
2.8x
-
9
0.9x
3.9x
M
1.9x
4.9x
Z
2.9x
-
①
represents product series
②
represents type of CE, voltage range, and accuracy
* Accuracy ”1”・・・0.1V increments, Accuracy ”B”・・・0.05V increments
12
3
54
①
②
③
④
⑤
SOT25
SOT89-5
52
4
12
3
1
2
3
6
5
4
USP6C
■
MARKING RULE
●
SOT-25, SOT-89-5
S6C
④
,⑤ represents production lot number
01~09、0A~0Z、11・・・9Z、A1~A9、AA・・・Z9、ZA~ZZ repeated
(G,I,J,O,Q,W excluded)
*No character inversion used.
③
represents output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com