Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6220D301PR Datasheet(PDF) 23 Page - Torex Semiconductor

Part # XC6220D301PR
Description  1A LDO Voltage Regulator with ?쏥reenOperation?
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6220D301PR Datasheet(HTML) 23 Page - Torex Semiconductor

Back Button XC6220D301PR Datasheet HTML 19Page - Torex Semiconductor XC6220D301PR Datasheet HTML 20Page - Torex Semiconductor XC6220D301PR Datasheet HTML 21Page - Torex Semiconductor XC6220D301PR Datasheet HTML 22Page - Torex Semiconductor XC6220D301PR Datasheet HTML 23Page - Torex Semiconductor XC6220D301PR Datasheet HTML 24Page - Torex Semiconductor XC6220D301PR Datasheet HTML 25Page - Torex Semiconductor XC6220D301PR Datasheet HTML 26Page - Torex Semiconductor XC6220D301PR Datasheet HTML 27Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
23/30
XC6220
Series
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(15) Ripple Rejection Rate
XC6220x 301 ( H i g hSpeed mode)
0
10
20
30
40
50
60
70
80
0.01
0.1
1
10
100
1000
Ripple Frequency: f (kHz)
V
IN=CE =4.0VDC+0.5Vp-pAC, IOUT=30mA
Topr=25℃, C
IN=0.1μF, CL=4.7μF (ceramic)
XC6220x 301 ( PowerSa v e mode)
0
10
20
30
40
50
60
70
80
0.01
0.1
1
10
100
1000
Ripple Frequency: f (kHz)
V
IN=CE=4.0VDC+0.5Vp-pAC, IOUT=0.1mA
Topr=25℃, C
IN=0.1μF, CL=4.7μF (ceramic)
XC6220c501 ( H i g hSpeed mode)
0
10
20
30
40
50
60
70
80
0.01
0.1
1
10
100
1000
Ripple Frequency: f (kHz)
V
IN=CE=5.5.0VDC+0.5Vp-pAC, IOUT=30mA
Topr=25℃, C
IN=0.1μF, CL=10μF (ceramic)
XC6220x 501 ( PowerSa v e mode)
0
10
20
30
40
50
60
70
80
0.01
0.1
1
10
100
1000
Ripple Frequency: f (kHz)
V
IN=CE =5.5.0VDC+0.5Vp-pAC, IOUT=0.1mA
Topr=25℃, C
IN=0.1μF, CL=10μF (ceramic)
XC6220x501
(HighSpeed mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com