Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6220D301PR Datasheet(PDF) 18 Page - Torex Semiconductor

Part # XC6220D301PR
Description  1A LDO Voltage Regulator with ?쏥reenOperation?
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6220D301PR Datasheet(HTML) 18 Page - Torex Semiconductor

Back Button XC6220D301PR Datasheet HTML 14Page - Torex Semiconductor XC6220D301PR Datasheet HTML 15Page - Torex Semiconductor XC6220D301PR Datasheet HTML 16Page - Torex Semiconductor XC6220D301PR Datasheet HTML 17Page - Torex Semiconductor XC6220D301PR Datasheet HTML 18Page - Torex Semiconductor XC6220D301PR Datasheet HTML 19Page - Torex Semiconductor XC6220D301PR Datasheet HTML 20Page - Torex Semiconductor XC6220D301PR Datasheet HTML 21Page - Torex Semiconductor XC6220D301PR Datasheet HTML 22Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
18/30
XC6220 Series
(9) Load Transient Response
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
0.1mA
V
IN=CE =2.2V, Tr=Tf=5μs
Topr=25℃, C
IN=CL=22μF (ceramic)
200μs/div
CH1:100mV/div CH2:100mA/div
XC6220x 121
300mA
Output Voltage
Output Current
CH1
CH2
XC6220x 121
V
IN=CE =2.2V, Tr=Tf=5μs
Topr=25℃, C
IN=CL=22μF (ceramic)
200μs/div
CH1:100mV/div CH2:100mA/div
10mA
300mA
Output Voltage
Output Current
CH1
CH2
XC6220x 301
V
IN=CE =4.0V, Tr=Tf=5μs
Topr=25℃, C
IN=10μF, CL=4.7μF (ceramic)
200μs/div
CH1:100mV/div CH2:100mA/div
0.1mA
300mA
Output Voltage
Output Current
CH1
CH2
XC6220x 301
V
IN=CE=4.0V, Tr=Tf=5μs
Topr=25℃, C
IN=10μF, CL=4.7μF (ceramic)
200μs/div
CH1:100mV/div CH2:100mA/div
10mA
300mA
Output Voltage
Output Current
CH1
CH2
XC6220x 501
V
IN=CE=6.0V, Tr=Tf=5μs
Topr=25℃, C
IN=CL=10μF (ceramic)
200μs/div
CH1:100mV/div CH2:100mA/div
0.1mA
300mA
Output Voltage
Output Current
CH1
CH2
XC6220x 501
V
IN=CE =6.0V, Tr=Tf=5μs
Topr=25℃, C
IN=10μF (ceramic)
200μs/div
CH1:100mV/div CH2:100mA/div
10mA
300mA
Output Voltage
Output Current
CH1
CH2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com