Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6216BC01PR Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6216BC01PR
Description  Voltage Regulators with Stand-by Function - Input Voltage: 28V
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6216BC01PR Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6216BC01PR Datasheet HTML 1Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 2Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 3Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 4Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 5Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 6Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 7Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 8Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
1/44
XC6216/XE6216 Series
Voltage Regulators with Stand-by Function - Input Voltage: 28V
■
FEATURES
Max Output Current
: More than 150mA (200mA limit)
(VIN=VOUT+3.0V)
Dropout Voltage
Input Voltage Range
Output Voltage Range
: 300mV@IOUT=20mA
: 2.0V~28.0V
: 2.0V~12.0V (0.1V increments)
2.0V~23V with external resistors
Fixed Output Accuracy
:±2%
±
1% optional for XC6216 series
Low Power Consumption
: 5μA
Stand-by Current
: Less than 0.1μA
High Ripple Rejection
: 30dB@1kHz
Operating Temperature
: -40℃~+85℃
Low ESR Capacitor
: Ceramic Capacitor Compatible
Built–in Protection
: Current Limit Circuit
Thermal Shutdown Circuit
Small Packages
: SOT-25, SOT-89, SOT-89-5,
USP-6C, SOT-223, TO-252
■
GENERAL DESCRIPTION
XC6216/XE6216 series are positive voltage regulator ICs with 28V of operation voltage. The series consists of a voltage
reference, an error amplifier, a current limiter, a thermal shutdown circuit and a phase compensation circuit plus a driver
transistor.
The output voltage is selectable in 0.1V increments within the range of 2.0V to 12V using laser trimming technologies. With
external resistors, the output voltage range can be expanded from 2.0V to 23V. The output stabilization capacitor (CL) is
also compatible with low ESR ceramic capacitors.
The over current protection circuit and the thermal shutdown circuit are built-in. These two protection circuits will operate
when the output current reaches current limit level or the junction temperature reaches temperature limit level.
The CE function enables the output to be turned off and the IC becomes a stand-by mode resulting in greatly reduced power
consumption.
■
APPLICATIONS
●
Car audio, Car navigation systems
●
Note book computers, PDAs
●
Home appliances
●
Audio visual equipment
(Cameras, VCRs, etc.)
●
Cordless phones,
Wireless communication equipment
■
TYPICAL APPLICATION CIRCUIT ■ TYPICAL PERFORMANCE
CHARACTERISTICS
●
Output Voltage vs. Input Volatage
ETR0321_012


Similar Part No. - XC6216BC01PR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6216BC01PR TOREX-XC6216BC01PR Datasheet
722Kb / 41P
Voltage Regulators with Stand-by Function - Input Voltage: 28V
More results

Similar Description - XC6216BC01PR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2931 STMICROELECTRONICS-LM2931 Datasheet
361Kb / 19P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT FUNCTION
Mar-2004
logo
Torex Semiconductor
XC6216 TOREX-XC6216 Datasheet
330Kb / 12P
Voltage Regullators with Stand-by Function-Input Voltage: 30V
XC6216 TOREX-XC6216_1 Datasheet
513Kb / 29P
Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216 TOREX-XC6216_2 Datasheet
722Kb / 41P
Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6701 TOREX-XC6701 Datasheet
483Kb / 32P
28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701 TOREX-XC6701_1 Datasheet
530Kb / 31P
28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701 TOREX-XC6701_2 Datasheet
588Kb / 35P
28V Operation High Speed Voltage Regulators with Stand-by Function
logo
NIHON DEMPA KOGYO
NT2016SD NDK-NT2016SD Datasheet
299Kb / 1P
Equipped with the temperature sensor voltage output function and Enable / Disable(Stand-by) function (VC-TCXO) NT2016S Series
logo
Torex Semiconductor
XD6216 TOREX-XD6216 Datasheet
747Kb / 18P
28V Low Power Consumption 150mA Voltage Regulators (with Stand-by Function)
XD6506 TOREX-XD6506 Datasheet
1,015Kb / 24P
Ultra-Low Quiescent Current Voltage Regulator (with Stand-by Function)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com