Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6216BC01PR Datasheet(PDF) 33 Page - Torex Semiconductor

Part # XC6216BC01PR
Description  Voltage Regulators with Stand-by Function - Input Voltage: 28V
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6216BC01PR Datasheet(HTML) 33 Page - Torex Semiconductor

Back Button XC6216BC01PR Datasheet HTML 29Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 30Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 31Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 32Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 33Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 34Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 35Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 36Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 37Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
33/43
XC6216/XE6216
Series
XC6216B/C/D 202
0
10
20
30
40
50
60
70
80
90
0.01
0.1
1
10
100
Frequency : f (kHz)
VIN=4.0Vdc+0.5Vp-p, IOUT=1mA
CL=1μF (ceramic),Ta=25℃
XC6216B/C/D 202
0
10
20
30
40
50
60
70
80
90
0.01
0.1
1
10
100
Frequency : f (kHz)
VIN=4.0Vdc+0.5Vp-p, IOUT=30mA
CL=1μF (ceramic),Ta=25℃
Ripple Frequency: f (kHz)
Ripple Frequency: f (kHz)
XC6216B/D 502
0
10
20
30
40
50
60
70
80
90
0.01
0.1
1
10
100
Frequency : f (kHz)
VIN=7.0Vdc+0.5Vp-p, IOUT=1mA
CL=1μF (ceramic),Ta=25℃
XC6216B/D 502
0
10
20
30
40
50
60
70
80
90
0.01
0.1
1
10
100
Frequency : f (kHz)
VIN=7.0Vdc+0.5Vp-p, IOUT=30mA
CL=1μF (ceramic),Ta=25℃
Ripple Frequency: f (kHz)
Ripple Frequency: f (kHz)
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(10) Ripple Rejection Rate
XC6216B/D 332
0
10
20
30
40
50
60
70
80
90
0.01
0.1
1
10
100
Ripple Frequency : f (kHz)
VIN=5.3Vdc+0.5Vp-p, IOUT=1mA
CL=1μF(ceramic),Ta=25℃
XC6216B/D 332
0
10
20
30
40
50
60
70
80
90
0.01
0.1
1
10
100
Ripple Frequency : f (kHz)
VIN=5.3Vdc+0.5Vp-p, IOUT=30mA
CL=1μF(ceramic),Ta=25℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com