Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6216BC01PR Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6216BC01PR
Description  Voltage Regulators with Stand-by Function - Input Voltage: 28V
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6216BC01PR Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6216BC01PR Datasheet HTML 1Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 2Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 3Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 4Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 5Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 6Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 7Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 8Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
2/43
XC6216/XE6216 Series
PIN NUMBER
SOT-25*
SOT-89-5
USP-6C*
PIN NAME
FUNCTIONS
1
5
6
VIN
Power Input
2
2
5
VSS
Ground
3
4
4
NC
No connection
4
3
3
CE
ON/OFF Control
5
1
1
VOUT
Output
-
-
2
NC
No connection
PIN NUMBER
SOT-25
SOT-89-5
USP-6C
PIN NAME
FUNCTIONS
1
5
6
VIN
Power Input
2
2
5
VSS
Ground
3
4
4
VOFB
Output Voltage Adjustment
4
3
3
CE
ON/OFF Control
5
1
1
VOUT
Output
-
-
2
NC
No connection
PIN NUMBER
SOT-89*
SOT-223*
TO-252*
PIN NAME
FUNCTIONS
3
3
1
VIN
Power Input
2
2
2
VSS
Ground
1
1
3
VOUT
Output
■
PIN CONFIGURATION
■
PIN ASSIGNMENT
* The dissipation pad for the USP-6C
package should be solder-plated in
recommended mount pattern and
metal masking so as to enhance
mounting strength and heat release.
If the pad needs to be connected to
other pins, it should be connected to
the VSS (No. 5) pin.
●
XC6216B/XE6216B Series
●
XC6216C Series
●
XC6216D/XE6216D Series
SOT-25
(TOP VIEW)
SOT-89
(TOP VIEW)
SOT-89-5
(TOP VIEW)
USP-6C
(BOTTOM VIEW)
SOT-223
(TOP VIEW)
TO-252
(TOP VIEW)
*The XE6216B in SOT-25 and USP-6C are under development.
*The XE6216D in SOT-89, SOT-223 and TO-252 are under development.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com