Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6216BC01PR Datasheet(PDF) 21 Page - Torex Semiconductor

Part # XC6216BC01PR
Description  Voltage Regulators with Stand-by Function - Input Voltage: 28V
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6216BC01PR Datasheet(HTML) 21 Page - Torex Semiconductor

Back Button XC6216BC01PR Datasheet HTML 17Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 18Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 19Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 20Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 21Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 22Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 23Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 24Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 25Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
21/43
XC6216/XE6216
Series
The output voltage can be set externally by the following equation:
I21=IFB+I22
………………………………………………………………………
(1)
I22=2.0V/R22
………………………………………………………………………
(2)
I21=IFB+2.0V/R22
………………………………………………………………………
If the equation (3) is assigned to the equation (2), the equation becomes as below:
VOUT=2.0V+R21・I21
………………………………………………………………………
(3)
For this, the following equation can be used for setting output voltage externally:
VOUT=2.0V+R21・I21
………………………………………………………………………
(4)
And the equation (4) will be;
VOUT=2.0V+R21 ・(IFB+2.0V/R22)
………………………………………………………………………
=2.0V・(R21 + R22) / R22 + R21・IFB
………………………………………………………………………
(5)
The second term of the equation (6), R21・IFB, is the cause of the output accuracy error.
The IFB can be calculated by the following equation:
IFB=2.0V / RFB
………………………………………………………………………
(6)
The cause of the output accuracy error, R21・IFB can be calculated by the equation below;
R21・IFB=R21・2.0V/ RFB
=2.0V・R21 / RFB
………………………………………………………………………
(7)
Accordingly, if R21<< RFB, the output voltage error becomes minute.
1. Please use this IC within the stated absolute maximum ratings. The IC is liable to malfunction should the ratings be
exceeded.
2. Where wiring impedance is high, operations may become unstable due to the noise and/or phase lag depending on output
current. Please strengthen VIN and VSS wiring in particular.
3. Phase compensation inside the IC is performed in the XC6216/XE6216 series. Therefore, an abnormal oscillation does not
occur even if there is no output capacitor CL. An input capacitor CIN around 0.1uF~1.0uF between the VIN pin and the
VSS pin is required for input stability. Also, the output voltage fluctuation such as under shoot or over shoot, which occurs
because of the load change can be controlled by placing the output capacitor CL around 0.1uF~1.0uF between the VOUT
pin and VSS pin. The input capacitor (CIN) and the output capacitor (CL) should be placed to the IC as close as possible
with a shorter wiring.
4. Notes on Setting Output Voltage Externally (C type) Ta=25℃
■
NOTES ON USE
●
Setting Resistance-Dependant of XC6216 Series’ Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com