Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6216BC01PR Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC6216BC01PR
Description  Voltage Regulators with Stand-by Function - Input Voltage: 28V
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6216BC01PR Datasheet(HTML) 5 Page - Torex Semiconductor

  XC6216BC01PR Datasheet HTML 1Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 2Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 3Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 4Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 5Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 6Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 7Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 8Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
5/43
XC6216/XE6216
Series
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
VSS-0.3~30
V
Output Current
IOUT
300
(*1)
mA
Output Voltage
VOUT
VSS-0.3~VIN+0.3
V
CE Input Voltage
VCE
VSS-0.3~30
V
250
SOT-25
600 (PCB mounted)
(*2)
500
SOT-89-5
1300 (PCB mounted)
(*2)
100
Power Dissipation
USP-6C
Pd
1000 (PCB mounted)
(*2)
mW
(Ta=25℃)
Operating Temperature Range
Topr
-40~+85
℃
Storage Temperature Range
Tstg
-55~+125
℃
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
VSS-0.3~30
V
Output Current
IOUT
300
(*1)
mA
Output Voltage
VOUT
VSS-0.3~VIN+0.3
V
CE Input Voltage
VCE
VSS-0.3 ~ 30
V
FB Voltage
VOFB
VSS-0.3 ~ 30
V
250
SOT-25
600 (PCB mounted)
(*2)
500
SOT-89-5
1300 (PCB mounted)
(*2)
100
Power Dissipation
USP-6C
Pd
1000 (PCB mounted)
(*2)
mW
(Ta=25℃)
Operating Temperature Range
Topr
-40~+85
℃
Storage Temperature Range
Tstg
-55~+125
℃
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
VSS-0.3~30
V
Output Current
IOUT
300
(*1)
mA
Output Voltage
VOUT
VSS-0.3~VIN+0.3
V
SOT-89
500
300
SOT-223
1500 (PCB mounted)
(*2)
Power Dissipation
TO-252
Pd
500
mW
(Ta=25℃)
Operating Temperature Range
Topr
-40~+85
℃
Storage Temperature Range
Tstg
-55~+125
℃
*1: IOUT≦Pd / (VIN-VOUT)
*2: The power dissipation figure shown is PCB mounted. Please refer to pages 37 ~ 40 for details.
●
XC6216C Series
●
XC6216D Series
●
XC6216B Series
*1: IOUT≦Pd / (VIN-VOUT)
*2: The power dissipation figure shown is PCB mounted. Please refer to pages 37 ~ 40 for details.
*1: IOUT≦Pd / (VIN-VOUT)
*2: The power dissipation figure shown is PCB mounted. Please refer to pages 37 ~ 40 for details.
■
ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com