Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6216CC01PR Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC6216CC01PR
Description  Voltage Regulators with Stand-by Function - Input Voltage: 28V
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6216CC01PR Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC6216CC01PR Datasheet HTML 4Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 5Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 6Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 7Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 8Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 9Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 10Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 11Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
8/43
XC6216/XE6216 Series
Thermal Shutdown Detect
Temperature
TTSD
Junction Temperature
-
150
-
℃
①
Thermal Shutdown
Release Temperature
TTSR
Junction Temperature
-
125
-
℃
①
Hysteresis Width
TTSD-TTSR
Junction Temperature
-
25
-
℃
-
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS CIRCUIT
Output Voltage (Accuracy ±2%)
VOUT(E)
IOUT=20mA, VCE=VIN,
VOFB=VOUT
1.96
2.00
2.04
Output Voltage (Accuracy ±1%)
VOUT(E)
IOUT=20mA , VCE=VIN ,
VOFB=VOUT
1.98
2.00
2.02
V
①
Divided Resistor
RFB
VIN=VOUT=5.0V, VCE=VSS
VOFB=VOUT
1.70
4.10
6.30
MΩ
④
Maximum Output Current
IOUTMAX
VIN=5.0V, VCE=VIN ,
VOFB=VOUT
100
-
-
mA
①
Load Regulation
△
VOUT
VIN=4.0V
1mA≦IOUT≦50mA,
VCE=VIN, VOFB=VOUT
-
50
90
mV
①
Dropout Voltage1
Vdif1
IOUT=20mA, VCE=VIN,
VOFB=VOUT
-
450
600
mV
①
Dropout Voltage2
Vdif2
IOUT=100mA, VIN=5.0V,
VCE=VIN, VOFB=VOUT
-
1900
2600
mV
①
Supply Current
ISS
VCE=VIN, VOFB=VOUT
1
5
9
μ
A
②
Stand-by Current
Istby
VCE=VSS, VOFB=VOUT
-
0.01
0.10
μ
A
②
Line Regulation1
△
VOUT /
△
VIN・VOUT(T)
4.0V≦VIN≦28.0V,
IOUT=5mA, VCE=VIN,
VOFB=VOUT
-
0.05
0.10
%/V
①
Line Regulation2
△
VOUT /
△
VIN・VOUT(T)
4.0V≦VIN≦28.0V,
IOUT=13mA, VCE=VIN,
VOFB=VOUT
-
0.15
0.30
%/V
①
Input Voltage
VIN
2.0
-
28.0
V
-
Output Voltage
Temperature Characteristics
△
VOUT /
△
Ta・VOUT(T)
IOUT=20mA, VCE=VIN,
-40℃≦Ta≦85℃
-
±
100
-
ppm/℃
①
Ripple Rejection Rate
PSRR
VIN=4.0V+0.5Vp-pAC,
IOUT=20mA, f=1kHz, VCE=VIN
VOFB=VOUT
-
30
-
dB
③
Short Current
Ishort
VIN=4.0V, VCE=VIN,
VOFB=VOUT
-
30
-
mA
①
CE ”H” Level Voltage
VCEH
VIN=28.0V, VOFB=VOUT
1.1
-
28.0
V
①
CE ”L” Level Voltage
VCEL
VIN=28.0V, VOFB=VOUT
0
-
0.5
V
①
CE ”H” Level Current
ICEH
VIN=VCE=28.0V, VOFB=VOUT
-0.1
-
0.1
μ
A
①
CE ”L” Level Current
ICEL
VIN=28.0V, VCE=VSS
VOFB=VOUT
-0.1
-
0.1
μ
A
①
NOTE:
*1: VOUT(T): Nominal output voltage
*2: VOUT(E): Effective output voltage
(i.e. the output voltage when “VOUT(T)+2.0V” is provided at the VIN pin while maintaining a certain IOUT value.)
*3: Vdif={VIN1
{Note 5} - VOUT1 {Note 4}}
*4: VOUT1: A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT{VOUT(T)+3.0V} is input.
*5: VIN1: The input voltage when VOUT1 appears as input voltage is gradually decreased.
*6: Unless otherwise stated, VIN=VOUT(T)+2.0V.
●
XC6216C Series
Ta = 25℃
■
ELECTRICAL CHARACTERISTICS (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com