Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6216CC01PR Datasheet(PDF) 28 Page - Torex Semiconductor

Part # XC6216CC01PR
Description  Voltage Regulators with Stand-by Function - Input Voltage: 28V
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6216CC01PR Datasheet(HTML) 28 Page - Torex Semiconductor

Back Button XC6216CC01PR Datasheet HTML 24Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 25Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 26Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 27Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 28Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 29Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 30Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 31Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 32Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
28/43
XC6216/XE6216 Series
XC6216B/D 502
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
IOUT=1mA
IOUT=10mA
IOUT=20mA
CIN=CL=1.0μF (ceramic)
XC6216B/D C02
11.80
11.85
11.90
11.95
12.00
12.05
12.10
12.15
12.20
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
IOUT=1mA
IOUT=10mA
IOUT=20mA
CIN=CL=1.0μF (ceramic)
XC6216B/C/D 202
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Time (1ms/div)
1.8
1.9
2.0
2.1
2.2
2.3
2.4
Output Voltage
Input Voltage
IOUT=1mA, tr=tf =5μs
CL=1μF (ceramic), Ta=25℃
XC6216B/C/D 202
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Time (1ms/div)
1.8
1.9
2.0
2.1
2.2
2.3
2.4
IOUT=30mA, tr=tf =5μs
CL=1μF (ceramic), Ta=25℃
Output Voltage
Input Voltage
XC6216B/D 332
1.0
2.0
3.0
4.0
5.0
6.0
7.0
Time (1ms/div)
3.1
3.2
3.3
3.4
3.5
3.6
3.7
IOUT=1mA, tr=tf =5μs
CL=1μF (ceramic), Ta=25℃
Output Voltage
Input Voltage
XC6216B/D 332
1.0
2.0
3.0
4.0
5.0
6.0
7.0
Time (1ms/div)
3.1
3.2
3.3
3.4
3.5
3.6
3.7
IOUT=30mA, tr=tf =5μs
CL=1μF (ceramic), Ta=25℃
Output Voltage
Input Voltage
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(6) Line Transient Response
(5) Output Voltage vs. Ambient Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com