Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6216CC01PR Datasheet(PDF) 19 Page - Torex Semiconductor

Part # XC6216CC01PR
Description  Voltage Regulators with Stand-by Function - Input Voltage: 28V
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6216CC01PR Datasheet(HTML) 19 Page - Torex Semiconductor

Back Button XC6216CC01PR Datasheet HTML 15Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 16Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 17Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 18Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 19Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 20Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 21Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 22Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 23Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
19/43
XC6216/XE6216
Series
SYMBOL
E-1-1
E-1-2
E-2-1
E-2-2
E-3-1
E-3-2
Temperature
/ Ta
25℃
-40~85℃
25℃
-40~85℃
25℃
-40~85℃
PARAMETER
NOMINAL
OUTPUT
VOLTAGE
LOAD
REGULATION
(mV)
LOAD
REGULATION
(mV)
DROPOUT VOLTAGE 1
(mV)
IOUT=20mA
DROPOUT VOLTAGE 1
(mV)
IOUT=20mA
DROPOUT VOLTAGE 2
(mV)
IOUT=100mA
DROPOUT VOLTAGE 2
(mV)
IOUT=100mA
ΔVOUT
ΔVOUT
Vdif1
Vdif1
Vdif2
Vdif2
VOUT(T)
(V)
TYP. MAX. TYP. MAX.
TYP.
MAX.
TYP.
MAX.
TYP.
MAX.
TYP.
MAX
8.1
8.2
8.3
8.4
8.5
8.6
8.7
8.8
8.9
9.0
9.1
9.2
9.3
9.4
9.5
9.6
9.7
9.8
9.9
10.0
130
190
130
320
700
950
700
1460
10.1
10.2
10.3
10.4
10.5
10.6
10.7
10.8
10.9
11.0
11.1
11.2
11.3
11.4
11.5
11.6
11.7
11.8
11.9
12.0
110
140
110
150
120
160
120
285
650
850
650
1160
■
ELECTRICAL CHARACTERISTICS (Continued)
●
Voltage Chart 5 (XE6216 Series)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com