Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6216CC01PR Datasheet(PDF) 41 Page - Torex Semiconductor

Part # XC6216CC01PR
Description  Voltage Regulators with Stand-by Function - Input Voltage: 28V
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6216CC01PR Datasheet(HTML) 41 Page - Torex Semiconductor

Back Button XC6216CC01PR Datasheet HTML 35Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 36Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 37Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 38Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 39Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 40Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 41Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 42Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 43Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 41 / 43 page
background image
41/43
XC6216/XE6216
Series
MARK
PRODUCT SERIES
2
XC6216xxxxxx
MARK
VOLTAGE (V)
PRODUCT SERIES
0
2.0~3.0
1
3.1~6.0
2
6.1~9.0
3
9.1~12.0
XC6216Bxxxxx
4
2.0~3.0
5
3.1~6.0
6
6.1~9.0
7
9.1~12.0
XC6216Dxxxxx
8
2.0
XC6216Cxxxxx
MARK
VOLTAGE(V)
MARK
VOLTAGE(V)
0
-
3.1
6.1
9.1
E
-
4.6
7.6
10.6
1
-
3.2
6.2
9.2
F
-
4.7
7.7
10.7
2
-
3.3
6.3
9.3
H
-
4.8
7.8
10.8
3
-
3.4
6.4
9.4
K
-
4.9
7.9
10.9
4
-
3.5
6.5
9.5
L
2.0
5.0
8.0
11.0
5
-
3.6
6.6
9.6
M
2.1
5.0
8.1
11.1
6
-
3.7
6.7
9.7
N
2.2
5.2
8.2
11.2
7
-
3.8
6.8
9.8
P
2.3
5.3
8.3
11.3
8
-
3.9
6.9
9.9
R
2.4
5.4
8.4
11.4
9
-
4.0
7.0
10.0
S
2.5
5.5
8.5
11.5
A
-
4.1
7.1
10.1
T
2.6
5.6
8.6
11.6
B
-
4.2
7.2
10.2
U
2.7
5.7
8.7
11.7
C
-
4.3
7.3
10.3
V
2.8
5.8
8.8
11.8
D
-
4.4
7.4
10.4
X
2.9
5.9
8.9
11.9
E
-
4.5
7.5
10.5
Y
3.0
6.0
9.0
12.0
■
MARKING RULE (XC6216 Series)
●
SOT-25, SOT-89,SOT-89-5,USP-6C,SOT-223,TO-252
①
represents the product number
②
represents the voltage range
③
represents the output voltage
④⑤
represents assembly lot number
01,・・・,09, 10,11,・・・,99,0A,・・・,0Z,1A,・・・ repeated (G, I, J, O, Q, W excluded)
Note: No character inversion used.
SOT-25
USP-6C
SOT-89
SOT-89-5
SOT-223
TO-252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com