Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6216CC01PR Datasheet(PDF) 39 Page - Torex Semiconductor

Part # XC6216CC01PR
Description  Voltage Regulators with Stand-by Function - Input Voltage: 28V
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6216CC01PR Datasheet(HTML) 39 Page - Torex Semiconductor

Back Button XC6216CC01PR Datasheet HTML 35Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 36Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 37Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 38Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 39Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 40Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 41Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 42Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 43Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
39/43
XC6216/XE6216
Series
●
USP-6C Power Dissipation
て
Board Mount (Tj max = 125℃)
Ambient Temperature(℃)
Power Dissipation Pd(mW)
Thermal Resistance (℃/W)
25
1000
85
400
100.00
Pd-Ta特性グラフ
0
200
400
600
800
1000
1200
25
45
65
85
105
125
周辺温度Ta(℃)
Power dissipation data for the USP-6C is shown in this page.
The value of power dissipation varies with the mount board conditions.
Please use this data as one of reference data taken in the described condition.
1.
Measurement Condition (Reference data)
Condition:
Mount on a board
Ambient:
Natural convection
Soldering:
Lead (Pb) free
Board:
Dimensions 40 x 40 mm (1600 mm
2 in one side)
Copper (Cu) traces occupy 50% of the board area
In top and back faces
Package heat-sink is tied to the copper traces
Material:
Glass Epoxy (FR-4)
Thickness:
1.6 mm
Through-hole:
4 x 0.8 Diameter
Evaluation Board (Unit: mm)
2. Power Dissipation vs. Operating temperature
Pd vs. Ta
Ambient Temperature Ta (℃)
■
PACKAGING INFORMATION (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com