Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6412CUFPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC6412CUFPBF
Description  800MHz, 31dB Range Analog-Controlled VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6412CUFPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC6412CUFPBF Datasheet HTML 5Page - Linear Technology LTC6412CUFPBF Datasheet HTML 6Page - Linear Technology LTC6412CUFPBF Datasheet HTML 7Page - Linear Technology LTC6412CUFPBF Datasheet HTML 8Page - Linear Technology LTC6412CUFPBF Datasheet HTML 9Page - Linear Technology LTC6412CUFPBF Datasheet HTML 10Page - Linear Technology LTC6412CUFPBF Datasheet HTML 11Page - Linear Technology LTC6412CUFPBF Datasheet HTML 12Page - Linear Technology LTC6412CUFPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTC6412
9
6412f
Output IP3 vs Control Voltage
Over Tone Spacing
Output IP3 vs Control Voltage
Over Output Power per Tone
3rd Harmonic Distortion vs
Control Voltage Over VCC
Differential Gain (Sdd21) vs
Control Voltage Over Temperature
Gain (Sdd21) Conformance
Error vs Control Voltage Over
Temperature
Relative Phase (Sdd21) vs
Control Voltage Over Frequency
TYPICAL PERFORMANCE CHARACTERISTICS
Electrical Performance in Test Circuits A and B at TA = 25°C and VCC = 3.3V unless otherwise noted.
Output IP3 at 140MHz vs Control
Voltage Over Temperature
Output IP3 vs Control Voltage
Over Frequency
Output IP3 at 140MHz vs Control
Voltage Over VCC
+VG OR –VG VOLTAGE (V)
0
–5
0
5
0.6
1.0
6412 G10
–10
–15
–20
0.2
0.4
0.8
10
15
20
1.2
–40°C
25°C
85°C
–VG: NEGATIVE
SLOPE MODE
+VG: POSITIVE
SLOPE MODE
FREQ = 140MHz
–VG VOLTAGE (V)
0
–5
–3
–1
1
0.2
GMAX
GMIN
0.4
0.6
0.8
6412 G11
1.0
3
5
–4
–2
0
2
4
1.2
FREQ = 140MHz
–40°C
85°C
25°C
–VG VOLTAGE (V)
0
–5
0
5
0.6
1.0
GMIN
GMAX
6412 G12
–10
–15
–20
0.2
0.4
0.8
10
15
20
1.2
400MHz
PHASE
ADV.
PHASE
DELAY
100MHz
200MHz
–VG VOLTAGE (V)
0
45
40
35
30
25
20
15
10
0.6
1.0
6412 G13
0.2
GMAX
GMIN
0.4
0.8
1.2
–40°C
25°C
85°C
POUT = –6dBm/TONE
ΔFREQ = 1MHz
–VG VOLTAGE (V)
0
45
70MHz
40
35
30
25
20
15
10
0.6
1.0
6412 G14
0.2
GMAX
GMIN
0.4
0.8
1.2
POUT = –6dBm/TONE
ΔFREQ = 1MHz
140MHz
240MHz
380MHz
–VG VOLTAGE (V)
0
45
40
35
30
25
20
15
10
0.6
1.0
6412 G15
0.2
GMAX
GMIN
0.4
0.8
1.2
3.6V
3.3V
3V
POUT = –6dBm/TONE
ΔFREQ = 1MHz
–VG VOLTAGE (V)
0
45
40
35
30
25
20
15
10
0.6
1.0
6412 G16
0.2
GMAX
GMIN
0.4
0.8
1.2
POUT = –6dBm/TONE
FREQ = 140MHz
SPACING =
0.5MHz
1MHz
2MHz
5MHz
–VG VOLTAGE (V)
0
45
40
35
30
25
20
15
10
0.6
1.0
6412 G17
0.2
GMAX
GMIN
0.4
0.8
1.2
FREQ = 140MHz
ΔFREQ = 1MHz
POUT =
–6dBm/TONE
–3dBm/TONE
–9dBm/TONE
TEST EQUIPMENT LIMITED
INPUT
ATTENUATOR
LIMITED
–VG VOLTAGE (V)
0
–120
–100
–80
–60
–40
–20
0.2
GMAX
GMIN
0.4
0.6
0.8
6412 G18
1.0
1.2
FREQ = 140MHz
POUT = 0dBm
VCC = 3V
VCC = 3.6V
VCC = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com