Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6412CUFPBF Datasheet(PDF) 16 Page - Linear Technology

Part # LTC6412CUFPBF
Description  800MHz, 31dB Range Analog-Controlled VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6412CUFPBF Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC6412CUFPBF Datasheet HTML 12Page - Linear Technology LTC6412CUFPBF Datasheet HTML 13Page - Linear Technology LTC6412CUFPBF Datasheet HTML 14Page - Linear Technology LTC6412CUFPBF Datasheet HTML 15Page - Linear Technology LTC6412CUFPBF Datasheet HTML 16Page - Linear Technology LTC6412CUFPBF Datasheet HTML 17Page - Linear Technology LTC6412CUFPBF Datasheet HTML 18Page - Linear Technology LTC6412CUFPBF Datasheet HTML 19Page - Linear Technology LTC6412CUFPBF Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LTC6412
16
6412f
APPLICATIONS INFORMATION
must be within 100mV of VCC. The Exposed Pad on the
underside of the package must be connected to ground
with low inductance and low thermal resistance. Refer to
details of DC1464A (Test Circuit A) for an example of proper
grounding and supply decoupling. Failure to provide low
impedance supply and ground at high frequencies can
cause oscillations and increased distortion.
Enable/Shutdown
Both the EN pin and SHDN pin are self-biased to VCC
through their respective 100k pull-up resistors, so the
default open-pin state is powered on with the output ampli-
fier signal path disabled. Pulling the EN pin low completes
the signal path from the attenuator ladder through the
output amplifier. The EN pin essentially provides a fast
muting function while the SHDN pin provides slower
power on/off function.
For applications requiring the SHDN function, it is recom-
mended that the output amplifier signal path be disabled
with a high EN voltage before transitioning the SHDN
signal. When enabling the amplifier, allow at least 5ms
dwell time between the rising SHDN transition and the
falling EN transition to avoid non-monotonic output signal
behavior though the VGA. The opposite delay sequence
is recommended for the falling SHDN transition, but this
is less critical as the output signal amplitude will drop
abruptly regardless of the EN pin.
SHDN
EN
tDWELL
tDWELL
6412 AI01
Layout/Grounding
The high frequency performance of the LTC6412 requires
special attention to proper RF grounding, bias decoupling
and termination. The recommended PCB stack-up for a
4-layer board is shown below for 1oz copper clad FR-4
laminate with a relative dielectric constant,
εr = 4.2-4.5
at 1GHz.
METAL 1
METAL 2
METAL 3
METAL 4
RF SIGNAL
FR4 12-18 MILS
FR4 20-30 MILS
FR4 NOT CRITICAL
GROUND PLANE
POWER PLANE
GND AND LF SIGNAL
6412 AI02
The topside metal and silkscreen drawings for Test Circuit A
illustrate the recommended decoupling capacitor place-
ment, signal routing and grounding. Ground vias directly
beneath the Exposed Pad are critical; use as many as
possible. Ground vias to the other ground pins are less
critical.
ESD
The LTC6412 is protected with reverse-biased ESD diodes
on all I/O pins. If any I/O pin is forced one diode drop above
the positive supply or one diode drop below the negative
supply, then large currents may flow through the diodes.
No damage to the devices will occur if the current is kept
below 10 mA. The +OUT/–OUT pins have additional series
diodes to the positive supply and can sustain approximately
2V overshoot above the positive supply before conducting
appreciable currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com